Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495A156K016ATE2K5 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T495A156K016ATE2K5
Description  Tantalum, MnO2 Tantalum, T495, 15 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Low ESR, 2.5 Ohms, Height Max = 1.8mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495A156K016ATE2K5 Datasheet(HTML) 1 Page - Kemet Corporation

  T495A156K016ATE2K5 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 8d9c1ef7-2849-440d-a61b-325c47ff40ce
KEMET Part Number: T495A156K016ATE2K5
(B45016A1569K258)
Tantalum, MnO2 Tantalum, T495, 15 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Low ESR, 2.5 Ohms, Height Max = 1.8mm
Dimensions
Footprint
3216
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
H
1.6mm +/-0.2mm
T
0.13mm REF
S
0.8mm +0.2/-0.3mm
F
1.2mm +/-0.1mm
A
1.2mm MIN
B
0.4mm +/-0.15mm
E
1.3mm REF
G
1.1mm REF
P
0.4mm REF
R
0.4mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 58.6 mg
Packaging: T&R, 178mm
Packaging Quantity: 2000
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T495
Description: SMD, MnO2, Molded, Low ESR
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 15 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC (85C), 10.72 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 8% 120Hz 20C
Failure Rate: N/A
Resistance: 2500 mOhms (100kHz)
Current:
173 mAmps (100kHz 25C),
155.7 mAmps (85C), 69.2
mAmps (125C)
Leakage Current: 2.4 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T495A156K016ATE2K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495A105K035ATE3K0 KEMET-T495A105K035ATE3K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 1 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Low ESR, 3 Ohms, Height Max = 1.8mm
T495A106K010ATE1K8 KEMET-T495A106K010ATE1K8 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A106K016ATE1K7 KEMET-T495A106K016ATE1K7 Datasheet
70Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 16 VDC, SMD, MnO2, Molded, Low ESR, 1.7 Ohms, 3216, Height Max = 1.8mm
T495A107K004AGE045 KEMET-T495A107K004AGE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495A107K004AGE0457280 KEMET-T495A107K004AGE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495A156K016ATE2K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495A225K016ATE2K5 KEMET-T495A225K016ATE2K5 Datasheet
69Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 2.2 uF, 10%, 16 VDC, SMD, MnO2, Molded, Low ESR, 2.5 Ohms, 3216, Height Max = 1.8mm
T495A106K016ATE1K7 KEMET-T495A106K016ATE1K7 Datasheet
70Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 16 VDC, SMD, MnO2, Molded, Low ESR, 1.7 Ohms, 3216, Height Max = 1.8mm
T495A225K010ATE1K8 KEMET-T495A225K010ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 2.2 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Low ESR, 1.8 Ohms, Height Max = 1.8mm
T495A475K020ATE1K8 KEMET-T495A475K020ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 4.7 uF, 10%, 20 V, 3216, SMD, MnO2, Molded, Low ESR, 1.8 Ohms, Height Max = 1.8mm
T495A105K035ATE3K0 KEMET-T495A105K035ATE3K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 1 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Low ESR, 3 Ohms, Height Max = 1.8mm
T494A475K016AT KEMET-T494A475K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 4.7 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Low ESR, 3 Ohms, Height Max = 1.8mm
T494A105K016AT KEMET-T494A105K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 1 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Low ESR, 6 Ohms, Height Max = 1.8mm
T494A106K016AT KEMET-T494A106K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 10 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Low ESR, 3 Ohms, 1.8mm
T491A156K010AT KEMET-T491A156K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, 6 Ohms, Height Max = 1.8mm
T491A106K016AH KEMET-T491A106K016AH Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, 3 Ohms, Height Max = 1.8mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com