Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM3C20-00030000 Datasheet(PDF) 2 Page - SICK AG

Part # PM3C20-00030000
Description  MIRROR COLUMNS AND DEVICE COLUMNS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PM3C20-00030000 Datasheet(HTML) 2 Page - SICK AG

  PM3C20-00030000 Datasheet HTML 1Page - SICK AG PM3C20-00030000 Datasheet HTML 2Page - SICK AG PM3C20-00030000 Datasheet HTML 3Page - SICK AG PM3C20-00030000 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PM3C20-00030000 | Mirror columns with protective field height mirror
MIRROR COLUMNS AND DEVICE COLUMNS
Ordering information
Type
Part no.
PM3C20-00030000
1043456
Other models and accessories
www.sick.com/Mirror_columns_with_protective_field_height_mirror
Detailed technical data
Features
Model
Mirror columns with protective field height mirror
Type of diversion
Horizontal
Suitable for
Safety light curtains
Multiple light beam safety devices
Suitable for protective field height
≤ 1,800 mm
Suitable for number of beams
Any
Suitable for beam separation
Any
Mechanical data
Number of mirrors
1
Mirror length
1,832 mm
Mirror width
125 mm
Column height
2,216.5 mm
Dimensional drawing
L1 1,832 mm
L2 345 mm
L5 2,216.5 mm
Weight
15,430 g
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2016-10-10 13:33:08
Subject to change without notice


Similar Part No. - PM3C20-00030000

ManufacturerPart #DatasheetDescription
logo
SICK AG
PM3C17-00030000 SICK-PM3C17-00030000 Datasheet
210Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PM3C19-00030000 SICK-PM3C19-00030000 Datasheet
210Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
More results

Similar Description - PM3C20-00030000

ManufacturerPart #DatasheetDescription
logo
SICK AG
PM3S96-00230060 SICK-PM3S96-00230060 Datasheet
205Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H17-00000000 SICK-PU3H17-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H21-00000000 SICK-PU3H21-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H24-00000000 SICK-PU3H24-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PM3C17-00030000 SICK-PM3C17-00030000 Datasheet
210Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PM3C19-00030000 SICK-PM3C19-00030000 Datasheet
210Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PM3S11-00330030 SICK-PM3S11-00330030 Datasheet
203Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H11-00000000 SICK-PU3H11-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PUM12-S02 SICK-PUM12-S02 Datasheet
205Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H15-00000000 SICK-PU3H15-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com