Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRA-S410ST03 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part No. IRA-S410ST03
Description  Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRA-S410ST03 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  IRA-S410ST03_17 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. IRA-S410ST03_17 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. IRA-S410ST03_17 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of IRA-S410ST03 from the official website of Murata Manufacturing Co.,
Ltd.
http://www.murata.com/en-us/products/productdetail?partno=IRA-S410ST03
IRA-S410ST03
Specifications
Operating Temperature Range
-
40
to
70
Shape
Lead
Field of View
theta1=38deg.,theta2=45deg.
Electrode
(2.3(gap0.3)x1.0mm)x2
Responsivity(typ.)
7.0mV
Optical Filter
5micro meter Long Pass
Supply Voltage Range
2V to 15V
Storage Temperature Range
-
40
to
85
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/10/27


Similar Part No. - IRA-S410ST03_17

ManufacturerPart No.DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
IRA-S410ST03 MURATA-IRA-S410ST03 Datasheet
201Kb / 3P
   Operating Temperature Range
More results

Similar Description - IRA-S410ST03_17

ManufacturerPart No.DatasheetDescription
Epson Company
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
Epson ToYoCom
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
Roithner LaserTechnik GmbH
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-00LDP1-R MURATA-PKGS-00LDP1-R_17 Datasheet
201Kb / 3P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
HOPE Microelectronics CO., Ltd.
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
Roithner LaserTechnik GmbH
Roithner LaserTechnik G...
QL78I6S ROITHNER-QL78I6S Datasheet
369Kb / 3P
   sensor
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz