Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA725AIDR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA725AIDR
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA725AIDR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA725AIDR Datasheet HTML 3Page - Burr-Brown (TI) OPA725AIDR Datasheet HTML 4Page - Burr-Brown (TI) OPA725AIDR Datasheet HTML 5Page - Burr-Brown (TI) OPA725AIDR Datasheet HTML 6Page - Burr-Brown (TI) OPA725AIDR Datasheet HTML 7Page - Burr-Brown (TI) OPA725AIDR Datasheet HTML 8Page - Burr-Brown (TI) OPA725AIDR Datasheet HTML 9Page - Burr-Brown (TI) OPA725AIDR Datasheet HTML 10Page - Burr-Brown (TI) OPA725AIDR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±6V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
INPUT BIAS CURRENT vs COMMON−MODE VOLTAGE
Common−Mode Voltage (V)
100k
10k
1k
100
10
−10
−100
−1k
−10k
−100k
I
B < ±10pA
+125
_C
+125
_C
+85
_C
+85
_C
+25
_C
+25
_C
OPEN−LOOP GAIN vs TEMPERATURE
140
130
120
110
100
90
80
Temperature (
_C)
−50
−25
0
25
50
75
100
125
150
R
L =1kΩ
R
L = 100kΩ
COMMON−MODE REJECTION RATIO vs TEMPERATURE
110
100
90
80
70
60
Temperature (
_C)
−50
−25
0
25
50
75
100
125
150
(V
−) ≤ V
CM ≤ (V+) − 2V
OFFSET CURRENT vs TEMPERATURE
10k
1k
100
10
1
0.1
0.01
Temperature (
_C)
−50
−25
0
25
50
75
100
125
150
POWER−SUPPLY REJECTION RATIO vs TEMPERATURE
120
100
80
60
Temperature (
_C)
−50
−25
0
25
50
75
100
125
150
QUIESCENT CURRENT vs TEMPERATURE
5
4
3
2
1
0
Temperature (
_C)
−50
−25
0
25
50
75
100
125
150


Similar Part No. - OPA725AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA725AIDR TI1-OPA725AIDR Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
More results

Similar Description - OPA725AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
   Very High Speed Operational Amplifier
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
   Very High Speed Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com