Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T491C156K020AT Datasheet(PDF) 1 Page - Kemet Corporation

Part No. T491C156K020AT
Description  Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, 1.7 Ohms, Height Max = 2.8mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

T491C156K020AT Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 4bd6cb7c-c08d-456d-894a-b1daad043ffe
KEMET Part Number: T491C156K020AT
(B45196H4156K309)
Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, 1.7 Ohms, Height Max = 2.8mm
Dimensions
Footprint
6032
L
6mm +/-0.3mm
W
3.2mm +/-0.3mm
H
2.5mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.2mm +/-0.1mm
A
2.9mm MIN
B
0.5mm +/-0.15mm
E
2.4mm REF
G
2.8mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 224.48 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T491
Description: SMD, MnO2, Molded
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 15 uF
Capacitance Tolerance: 10%
Voltage DC: 20 VDC (85C), 13.4 VDC (125C)
Temperature Range: -55/+125C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 1.7 Ohms (100kHz)
Current:
254 mAmps (100kHz 25C),
228.6 mAmps (85C), 101.6
mAmps (125C)
Leakage Current: 3 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn