Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2725 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2725
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2725 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA2725 Datasheet HTML 2Page - Burr-Brown (TI) OPA2725 Datasheet HTML 3Page - Burr-Brown (TI) OPA2725 Datasheet HTML 4Page - Burr-Brown (TI) OPA2725 Datasheet HTML 5Page - Burr-Brown (TI) OPA2725 Datasheet HTML 6Page - Burr-Brown (TI) OPA2725 Datasheet HTML 7Page - Burr-Brown (TI) OPA2725 Datasheet HTML 8Page - Burr-Brown (TI) OPA2725 Datasheet HTML 9Page - Burr-Brown (TI) OPA2725 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±6V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
180
160
140
120
100
80
60
40
20
0
−20
180
160
140
120
100
80
60
40
20
0
−20
Gain
Phase
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
100
90
80
70
60
50
40
30
20
10
0
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
140
120
100
80
60
40
20
COMMON−MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
(V
−) ≤ V
CM ≤ (V+) − 2V
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
7
6
5
4
3
2
1
0
V
S = ±6V
Indicates maximum output
for no visible distortion.
INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
1000
100
10
1


Similar Part No. - OPA2725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2725 TI1-OPA2725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA2725 TI1-OPA2725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA2725AID TI1-OPA2725AID Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA2725AIDG4 TI1-OPA2725AIDG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA2725AIDGKR TI1-OPA2725AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
More results

Similar Description - OPA2725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
   Very High Speed Operational Amplifier
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
   Very High Speed Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com