Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD9625BBPRL-2.5 Datasheet(PDF) 26 Page - Analog Devices

Part No. AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 22Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 23Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 24Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 25Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 26Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 27Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 28Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 29Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 24 of 72
AD9625-2.6
For the AD9625-2.6 model, full-scale range used is 1.1 V.
0
–90
–105
–120
–75
–60
–45
–30
–15
0150
FREQUENCY (MHz)
2600MSPS
1820.825MHz AT –1dBFS
SNR = 55.556dB
SFDR = 76.47dBc
300
450
600
750
900
1050
1200
Figure 45. FFT Plot at 2.6 GSPS, fIN = 1820.825 MHz at AIN
(SFDR = 76.47 dBc, SNR = 55.556 dB)
0
–90
–105
–120
–75
–60
–45
–30
–15
0150
FREQUENCY (MHz)
300
450
600
750
900
1050
1200
2600MSPS
729.028MHz AT –1dBFS
SNR = 56.766dB
SFDR = 78.248dBc
Figure 46. FFT Plot at 2.6 GSPS, fIN = 729.028 MHz at AIN
(SFDR = 78.248 dB, SNR = 56.766)
0
–90
–105
–120
–75
–60
–45
–30
–15
0
150
FREQUENCY (MHz)
2600MSPS
113.940MHz AT –1dBFS
SNR = 57.159dB
SFDR = 81.161dBc
300
450
600
750
900
1050
1200
Figure 47. FFT Plot at 2.6 GSPS, fIN = 113.940 MHz at AIN (SFDR = 81.161,
SNR = 57.159)
100
90
80
70
60
50
40
30
20
10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dB)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dB)
Figure 48. SNR/SFDR vs. Analog Input Amplitude at 2.6 GSPS,
fIN = 1811 MHz at AIN
100
90
80
70
60
50
40
30
20
10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dB)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dB)
Figure 49. SNR/SFDR vs. Analog Input Amplitude at 2.6 GSPS,
fIN = 241 MHz at AIN
48
49
50
51
52
53
54
INPUT FREQUENCY (MHz)
55
56
57
58
59
0
400
800
1200
1600
2000
–40°C
+25°C
+85°C
Figure 50. SNR vs. Temperature at 2.6 GSPS


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz