Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD9625BBPRL-2.5 Datasheet(PDF) 68 Page - Analog Devices

Part No. AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 64Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 65Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 66Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 67Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 68Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 69Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 70Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 71Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 66 of 72
Table 90. JESD204B Lane Control Register 3, Address 0x084 (Default = 0x54)
Bit No.
Access
Bit Description
7
Unused.
[6:4]
RW
Physical Lane F assignment.
000: Logical Lane 0.
001: Logical Lane 1.
010: Logical Lane 2.
011: Logical Lane 3.
100: Logical Lane 4.
101: Logical Lane 5 (default).
110: Logical Lane 6.
111: Logical Lane 7.
3
Unused.
[2:0]
RW
Physical Lane E assignment.
000: Logical Lane 0.
001: Logical Lane 1.
010: Logical Lane 2.
011: Logical Lane 3.
100: Logical Lane 4 (default).
101: Logical Lane 5.
110: Logical Lane 6.
111: Logical Lane 7.
Table 91. JESD204B Lane Control Register 4, Address 0x085 (Default = 0x76)
Bit No.
Access
Bit Description
7
Unused.
[6:4]
RW
Physical Lane H assignment.
000: Logical Lane 0.
001: Logical Lane 1.
010: Logical Lane 2.
011: Logical Lane 3.
100: Logical Lane 4.
101: Logical Lane 5.
110: Logical Lane 6.
111: Logical Lane 7 (default).
3
Unused.
[2:0]
RW
Physical Lane G assignment.
000: Logical Lane 0.
001: Logical Lane 1.
010: Logical Lane 2.
011: Logical Lane 3.
100: Logical Lane 4.
101: Logical Lane 5.
110: Logical Lane 6 (default).
111: Logical Lane 7.
Table 92. Unused, Address 0x088 (Default = 0x67)
Bit No.
Access
Bit Description
[7:0]
RW
Unused.
Table 93. Unused, Address 0x089 (Default = 0xF0)
Bit No.
Access
Bit Description
[7:0]
RW
Unused.


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz