Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9625BBPRL-2.5 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 55Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 56Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 57Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 58Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 59Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 60Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 61Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 62Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 57 of 72
Bit No.
Access
Bit Description
4
RW
SYSREF± transition selection.
0: SYSREF± is valid on low to high transitions using selected CLK edge.
1: SYSREF± is valid on high to low transitions using selected CLK edge.
3
RW
SYSREF± capture edge selection.
0: captured on rising edge of CLK input.
1: captured on falling edge of CLK input.
2
RW
SYSREF± next mode.
0: continuous mode.
1: next SYSREF± mode: uses the next valid edge only of the SYSREF± pin. Subsequent edges of the SYSREF± pin are
ignored. When the next system reference is found, Bit 1 of Register 0x03A clears.
1
RW
SYSREF± pins enable.
0: SYSREF± disabled.
1: SYSREF± enabled. When Register 0x03A, Bit 2 = 1, only the next valid edge of the SYSREF± pins is used. Subsequent
edges of the SYSREF± pin are ignored.
0
Unused.
Table 46. Fast Detect Control Register, Address 0x045 (Default = 0x00)
Bit No.
Access
Bit Description
[7:4]
Unused.
3
RW
Force the fast detect output pin.
0: normal operation of fast detect pin.
1: force a value on the fast detect pin (see Bit 2 in this table, Table 46).
2
RW
The fast detect output pin is set to the value in this bit (Register 0x045[2]) when the output is forced.
1
Unused.
0
RW
Enable fast detect on the corrected ADC data.
0: fine fast detect disabled.
1: fine fast detect enabled.
Table 47. Fast Detect Upper Threshold Register, Address 0x047 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
These bits are the LSBs of the fast detect upper threshold. These eight LSBs of the programmable 12-bit upper threshold
are compared to the fine ADC magnitude.
Table 48. Fast Detect Upper Threshold Register, Address 0x048 (Default = 0x00)
Bit No.
Access
Bit Description
[7:4]
Unused.
[3:0]
RW
These bits are the MSBs of the fast detect upper threshold. These four MSBs of the programmable 12-bit upper
threshold are compared to the fine ADC magnitude.
Table 49. Fast Detect Lower Threshold Register, Address 0x049 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
These bits are the LSBs of the fast detect lower threshold. These eight LSBs of the programmable 12-bit lower threshold
are compared to the fine ADC magnitude.
Table 50. Fast Detect Lower Threshold Register, Address 0x04A (Default = 0x00)
Bit No.
Access
Bit Description
[7:4]
Unused.
[3:0]
RW
MSBs of the fast detect lower threshold. These four MSBs of the programmable 12-bit lower threshold are compared to
the fine ADC magnitude.
Table 51. Fast Detect Dwell Time Counter Threshold Register, Address 0x04B (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
These bits are the LSBs of the fast detect dwell time counter target. This is the value for a 16-bit counter that determines
the length of time that the ADC data must remain below the lower threshold before the FD pin reset to 0.


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com