Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD9625BBPRL-2.5 Datasheet(PDF) 57 Page - Analog Devices

Part No. AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 53Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 54Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 55Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 56Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 57Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 58Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 59Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 60Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 55 of 72
Table 32. Data Path Customer Offset Register, Address 0x010 (Default = 0x00)
Bit No.
Access
Bit Description
[7:6]
Unused.
[5:0]
RW
Digital datapath offset. Twos complement offset adjustment aligned with least converter resolution.
011111: +31.
011110: +30.
000001: +1.
000000: 0.
111111: −1.
100001: −31.
100000: −32.
Table 33. Output Mode Register, Address 0x014 (Default = 0x01)
Bit No.
Access
Bit Description
[7:5]
Unused.
4
RW
Chip output disable. Bit 4 enables and disables the digital outputs from the ADC.
0: enable.
1: disable.
3
Unused.
2
RW
Digital ADC sample invert.
0: ADC sample data is not inverted.
1: ADC sample data is inverted.
[1:0]
RW
Digital ADC data format select (DFS). Note that the use of the muxed SDIO pin to control Register 0x014[1:0] is not
supported on the AD9625.
00: offset binary.
01: twos complement (default).
10: reserved.
11: reserved.
Table 34. Serializer Output Adjust, Register, Address 0x015 (Default = 0x54)
Bit No.
Access
Bit Description
7
RW
Serializer output polarity selection.
0: normal, not inverted.
1: output driver polarity inverted.
[6:5]
RW
Serializer output emphasis amplitude control.
00: 0 mV de-emphasis differential peak to peak.
01: 160 mV de-emphasis differential peak to peak.
10: 80 mV de-emphasis differential peak to peak.
11: 40 mV de-emphasis differential peak to peak.
[4:0]
RW
Reserved.
Table 35. User Test Pattern 1 LSB Register, Address 0x019 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
User Test Pattern 1 least significant byte. Note that these bits are used only when Register 0x00D, Bits[3:0] is in user
input mode (Register 0x00D[3:0] = 1000), or when Register 0x061, Bits[3:0] is in the scrambler or 10-bit test modes
(Register 0x061[3:0] = 0100 to 0111). Otherwise, these bits are ignored.
Table 36. User Test Pattern 1 MSB Register, Address 0x01A (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
User Test Pattern 1 most significant byte. Note that these bits are used only when Register 0x00D, Bits[3:0] is in user
input mode (Register 0x00D[3:0] = 1000). Otherwise, these bits are ignored.


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz