Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD9625BBPRL-2.5 Datasheet(PDF) 56 Page - Analog Devices

Part No. AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 52Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 53Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 54Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 55Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 56Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 57Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 58Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 59Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 54 of 72
Table 28. Chip Grade Register, Address 0x002 (Default = 0x14)
Bit No.
Access
Bit Description
[7:6]
Unused.
[5:4]
R
Chip ID/speed grade.
11: 2.6 GSPS.
10: 2.5 GSPS.
01: 2.0 GSPS.
[3:0]
Unused.
Table 29. Power Control Mode Register, Address 0x008 (Default = 0x80)
Bit No.
Access
Bit Description
7
Reserved.
6
Reserved.
5
Reserved.
[4:2]
Reserved.
[1:0]
RW
Chip power modes.
00: normal mode (power-up).
01: Power-down.
10: standby mode; digital datapath clocks disabled, JESD204B interface enabled, outputs enabled.
11: digital datapath reset mode; digital data path clocks enabled, digital data path held in reset, JESD204B interface held
in reset, outputs enabled.
Table 30. PLL Status Register, Address 0x00A (Default = 0x00)
Bit No.
Access
Bit Description
7
RO
PLL locked status bit.
0: PLL is unlocked.
1: PLL is locked.
[6:0]
Reserved.
Table 31. ADC Test Control Register, Address 0x00D (Default = 0x00)
Bit No.
Access
Bit Description
7
RW
ADC datapath user test mode control. Note that these bits are only used when Register 0x00D, Bits[3:0] is in user input
mode (Register 0x00D[3:0] = 1000); otherwise, they are ignored.
0: continuous/repeat pattern mode. Place each user pattern (1, 2, 3, 4) on the output for one clock cycle and then repeat.
(Output user pattern: 1, 2, 3, 4, 1, 2, 3, 4, 1, 2, 3, 4, …)
1: single pattern mode. Place each user pattern (1, 2, 3, 4) on the output for one clock cycle and then output all zeros.
(Output user pattern: 1, 2, 3, 4, then output all zeros.)
6
Unused.
5
RW
ADC long psuedo random number test generator reset.
0: long PN enabled.
1: long PN held in reset.
4
RW
Unused.
[3:0]
RW
ADC data output test generation mode.
0000: off, normal operation.
0001: midscale short.
0010: positive full scale.
0011: negative full scale.
0100: alternating checkerboard.
0101: PN sequence, long.
0110: unused.
0111: one-/zero-word toggle.
1000: user test mode. Used with Register 0x00D[7] and user pattern (1, 2, 3, 4) registers.
1001 to 1110: unused.
1111: ramp output.


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz