Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD9625BBPRL-2.5 Datasheet(PDF) 52 Page - Analog Devices

Part No. AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 48Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 49Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 50Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 51Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 52Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 53Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 54Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 55Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 50 of 72
APPLICATION
LAYER
DATA LINK,
TRANSPORT,
AND PHY LAYERS
fS × 2 APPLICATION LAYER (RECEIVE)
4/5 RATE EXCHANGE
CUSTOMER APPLICATION
USER
DEFINED
ADC SAMPLE N
(12 BITS)
ADC SAMPLE N + 1
(12 BITS)
ADC SAMPLE N + 2
(12 BITS)
ADC SAMPLE N + 3
(12 BITS)
48 BITS
@
fS/4
64 BITS
@
fS/5
64 BITS
@
fS/5
ADC SAMPLE N
(12 BITS)
ADC SAMPLE N + 1
(12 BITS)
ADC SAMPLE N + 2
(12 BITS)
ADC SAMPLE N + 3
(12 BITS)
ADC SAMPLE N + 4
(12 BITS)
(4 BITS)
S[N][11:0], S[N + 1][11:8]
(16 BITS)
S[N + 1][7:0], S[N + 2][11:4]
(16 BITS)
S[N + 2][3:0], S[N + 3][11:0]
(16 BITS)
S[N + 4][11:0], UD[3:0]
(16 BITS)
JESD SAMPLE N
(16 BITS)
JESD SAMPLE N + 1
(16 BITS)
JESD SAMPLE N + 2
(16 BITS)
JESD SAMPLE N + 3
(16 BITS)
JESD204B FRAMER + PHY
(M = 1; L = 8; S = 4; F = 1; N = 16; N' = 16; CF = 0; SCR = 0, 1; HD = 1; K = SEE SPEC
Figure 105. fS × 2 Application Layer (Receive)


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz