Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD9625BBPRL-2.5 Datasheet(PDF) 40 Page - Analog Devices

Part No. AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 36Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 37Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 38Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 39Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 40Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 41Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 42Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 43Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 38 of 72
a b cd e
f g h
i
j a b cd e
f g h
i
j
fg h
i
j
ab c d e
f g h
i
j a b c d e
f g h
i
j
a b cd e
f g h
i
j a b cd e
f g h
i
j
fg h
i
j
ab c d e
f g h
i
j a b c d e
f g h
i
j
a b cd e
f g h
i
j a b cd e
f g h
i
j
fg h
i
j
ab c d e
f g h
i
j a b c d e
f g h
i
j
a b cd e
f g h
i
j a b cd e
f g h
i
j
fg h
i
j
ab c d e
f g h
i
j a b c d e
f g h
i
j
a b cd e
f g h
i
j a b cd e
f g h
i
j
fg h
i
j
ab c d e
f g h
i
j a b c d e
f g h
i
j
a b cd e
f g h
i
j a b cd e
f g h
i
j
fg h
i
j
ab c d e
f g h
i
j a b c d e
f g h
i
j
a b cd e
f g h
i
j a b cd e
f g h
i
j
fg h
i
j
ab c d e
f g h
i
j a b c d e
f g h
i
j
a b cd e
f g h
i
j a b cd e
f g h
i
j
fg h
i
j
ab c d e
f g h
i
j a b c d e
f g h
i
j
JESD204B INTERFACE
M = 1; L = 8; N = 12; N' = 16; CF = 0; CS = 0; CS = 0...4; K = 32; HD = 1; F = 1
400ps MIN (2.5GHz)
CLK+
(ENCODE CLOCK)
LANE A±
@ 6.25Gbps
LANE B±
@ 6.25Gbps
LANE C±
@ 6.25Gbps
LANE D±
@ 6.25Gbps
LANE E±
@ 6.25Gbps
LANE F±
@ 6.25Gbps
LANE G±
@ 6.25Gbps
LANE H±
@ 6.25Gbps
SAMPLE N + 3 [3:0],
CTTTT
SAMPLE N + 7 [3:0],
CTTTT
SAMPLE N + 11 [3:0],
CTTTT
SAMPLE N + 15 [3:0],
CTTTT
SAMPLE N + 2 [3:0],
CTTTT
SAMPLE N + 6 [3:0],
CTTTT
SAMPLE N + 10 [3:0],
CTTTT
SAMPLE N + 14 [3:0],
CTTTT
SAMPLE N + 1 [3:0],
CTTTT
SAMPLE N + 5 [3:0],
CTTTT
SAMPLE N + 9 [3:0],
CTTTT
SAMPLE N + 13 [3:0],
CTTTT
SAMPLE N [3:0],
CTTTT
SAMPLE N + 4 [3:0],
CTTTT
SAMPLE N + 8 [3:0],
CTTTT
SAMPLE N + 12 [3:0],
CTTTT
SAMPLE N + 3 [11:4]
SAMPLE N + 7 [11:4]
SAMPLE N + 11 [11:4]
SAMPLE N + 15 [11:4]
SAMPLE N + 2 [11:4]
SAMPLE N + 6 [11:4]
SAMPLE N + 10 [11:4]
SAMPLE N + 14 [11:4]
SAMPLE N + 1 [11:4]
SAMPLE N + 5 [11:4]
SAMPLE N + 9 [11:4]
SAMPLE N + 13 [11:4]
SAMPLE N [11:4]
SAMPLE N + 4 [11:4]
SAMPLE N + 8 [11:4]
SAMPLE N + 12 [11:4]
F = 1 OCTETS
F = 1 OCTETS
F = 1 OCTETS
F = 1 OCTETS
Figure 88. JESD204B Lane Data Mapping


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz