Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD9625BBPRL-2.5 Datasheet(PDF) 37 Page - Analog Devices

Part No. AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 33Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 34Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 35Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 36Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 37Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 38Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 39Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 40Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 35 of 72
Tap Number
Coefficient
52
+6412
53
+4831
54
+2276
55
−1031
56
−4725
57
−8330
58
−11304
59
−13098
60
−13222
61
−11306
62
−7160
63
−808
64
+7498
65
+17281
66
+27882
67
+38515
68
+48340
69
+56550
70
+62451
71
+65536
72
+65536
73
+62451
74
+56550
75
+48340
76
+38515
77
+27882
78
+17281
79
+7498
80
−808
81
−7160
82
−11306
83
−13222
84
−13098
85
−11304
86
−8330
87
−4725
88
−1031
89
+2276
90
+4831
91
+6412
92
+6945
93
+6496
94
+5250
95
+3467
96
+1446
97
−519
98
−2179
99
−3353
100
−3944
101
−3945
102
−3425
103
−2516
104
−1382
Tap Number
Coefficient
105
−200
106
+869
107
+1698
108
+2209
109
+2372
110
+2210
111
+1785
112
+1186
113
+513
114
−135
115
−677
116
−1055
117
−1242
118
−1238
119
−1069
120
−778
121
−420
122
−48
123
+289
124
+554
125
+727
126
+800
127
+780
128
+685
129
+540
130
+369
131
+196
132
+43
133
−79
134
−162
135
−207
136
−219
137
−204
138
−172
139
−132
140
−92
141
−57
142
−38


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz