Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9625BBPRL-2.5 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9625BBPRL-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPRL-2.5 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9625BBPRL-2.5 Datasheet HTML 27Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 28Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 29Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 30Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 31Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 32Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 33Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 34Page - Analog Devices AD9625BBPRL-2.5 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 29 of 72
TEST MODES
ADC CORE
FRAMER
SERALIZER
OUTPUT
JESD204B TEST PATTERNS
10 BIT
SPI REGISTER 0x061
BITS[5:4] = 01 AND
BITS[3:0] ≠ 0000
JESD204B
TEST PATTERNS
16 BIT
SPI REGISTER 0x061
BITS[5:4] = 00
AND BITS[3:0] ≠ 0000
JESD204B
SAMPLE
CONSTRUCTION
ADC TEST PATTERNS
12 BIT
SPI REGISTER 0x00D
BITS[3:0] ≠ 0000
TAIL
BITS
FRAME
CONSTRUCTION
8b/10b
ENCODER
SCRAMBLER
(OPTIONAL)
Figure 72. Test Modes
Table 10. Flexible Output Test Modes from SPI Register 0x00D
Output Test
Mode Bit
Sequence
Pattern Name
Digital Output Word 1
(Default Twos Complement
Format)
Digital Output Word 2 (Default Twos
Complement Format)
Subject to
Data Format
Select
0000
Off (default)
Not applicable
Not applicable
Yes
0001
Midscale short
0000 0000 0000
= Word 1
Yes
0010
Positive full scale
0111 1111 1111
= Word 1
Yes
0011
Negative full scale
1000 0000 0000
= Word 1
Yes
0100
Alternating checkerboard
1010 1010 1010
0101 0101 0101
No
0101
PN sequence long
Not applicable
Not applicable
Yes
0111
One-/zero-word toggle
1111 1111 1111
0000 0000 0000
No
1000
User test mode
User data from
Register 0x019 to
Register 0x020
User data from Register 0x019 to
Register 0x020
Yes
1111
Ramp output
N
N + 1
No


Similar Part No. - AD9625BBPRL-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPRL-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com