Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9625BBPZRL-2.0 Datasheet(PDF) 70 Page - Analog Devices

Part # AD9625BBPZRL-2.0
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPZRL-2.0 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9625BBPZRL-2.0 Datasheet HTML 66Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 67Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 68Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 69Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 70Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 71Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 72Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 73Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 74Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 68 of 72
Table 101. Interrupt Request (IRQ) Mask Control Register, Address 0x101 (Default = 0xBC)
Bit No.
Access
Bit Description
7
RW
Interrupt request PLL lock error masked.
1: PLL unlocked events are masked.
6
Unused.
5
RW
Must be set to 1.
4
RW
Must be set to 1.
3
RW
Interrupt request SYSREF± hold error.
1: a hold error has occurred with the last SYSREF± signal received. To clear this error, set and clear Bit 6 in Register 0x03A.
2
RW
Interrupt request SYSREF± setup error.
1: a setup error has occurred with the last SYSREF± signal received. To clear this error, set and clear Bit 6 in Register 0x03A.
1
Unused.
0
RW
Interrupt request clock error mask.
1: clock error has occurred and the validity of the output data cannot be guaranteed. The only way to recover from this
error is to reset the device.
Table 102. Digital Control Register, Address 0x105 (Default = 0x00)
Bit No.
Access
Bit Description
[7:5]
Unused.
4
RW
Must be set to 0.
3
RW
Must be set to 0.
2
RW
Must be set to 0.
1
RW
Must be set to 0.
0
RW
Must be set to 0.
Table 103. Digital Calibration Threshold Control Register, Address 0x10A (Default = 0x10)
Bit No.
Access
Bit Description
[7:5]
Unused.
4
RW
Enable data set threshold logic for background gain.
[0:3]
Unused.
Table 104. Digital Calibration Data Set Threshold Register, Address 0x10D (Default = 0x3D)
Bit No.
Access
Bit Description
[7:0]
RW
Data set threshold for background gain calibration.
Table 105. Digital Calibration Data Set Threshold Register, Address 0x10E (Default = 0x14)
Bit No.
Access
Bit Description
[7:0]
RW
Data set threshold for background gain calibration.
Table 106. DIVCLK± Output Control Register, Address 0x120 (Default = 0x11)
Bit No.
Access
Bit Description
[7:5]
Unused.
4
RW
DIVCLK± output disable. DIVCLK± is 1/4th of the sample clock frequency.
0: DIVCLK± output is disabled.
1: DIVCLK± output is enabled.
3
RW
DIVCLK± output termination selection.
0: DIVCLK± output uses an external 100 Ω resistive termination.
1: DIVCLK± output uses no external resistive termination.
2
Unused.
[1:0]
RW
Control the differential swing for the DIVCLK± output.
00: 100 mV p-p differential.
01: 200 mV p-p differential.
10: 300 mV p-p differential.
11: 400 mV p-p differential.


Similar Part No. - AD9625BBPZRL-2.0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPZRL-2.0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com