Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9625BBP-2.5 Datasheet(PDF) 51 Page - Analog Devices

Part # AD9625BBP-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBP-2.5 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9625BBP-2.5 Datasheet HTML 47Page - Analog Devices AD9625BBP-2.5 Datasheet HTML 48Page - Analog Devices AD9625BBP-2.5 Datasheet HTML 49Page - Analog Devices AD9625BBP-2.5 Datasheet HTML 50Page - Analog Devices AD9625BBP-2.5 Datasheet HTML 51Page - Analog Devices AD9625BBP-2.5 Datasheet HTML 52Page - Analog Devices AD9625BBP-2.5 Datasheet HTML 53Page - Analog Devices AD9625BBP-2.5 Datasheet HTML 54Page - Analog Devices AD9625BBP-2.5 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 49 of 72
fS × 2, fS × 4, fS × 8 Modes
The JESD204B low multiplier mode application layer adds a
rate conversion on top of a JESD204B transmitter/receiver with
the following configuration parameters: M = 1; L = 8; S = 4;
F = 1; N = 16; N' = 16; CS = 0; CF = 0; SCR = 0, 1; HD = 1;
K = reference JESD204B specification.
In this mode, there are five actual samples per frame and
scrambling can be optionally enabled in the JESD204B
interface. The transmit portion of the low multiplier mode
JESD204B application layer is shown in Figure 104.
The first step in this application layer is where 12-bit ADC
samples are divided into six bytes.
To allow the line rate of the JESD204B interface to map directly
into an integer of the converter sample rate, a four to five rate
conversion takes place to group the 12-bit ADC samples into
blocks of five samples. During this rate conversion, for every
five 12-bit ADC sample, an extra user defined, 4-bit nibble is
appended to create a 64-bit frame. Next, the 64-bit low multi-
plier frame maps into the four 16-bit JESD204B samples. The
most significant 16-bits of the 64-bit low multiplier frame map
to the oldest 16-bit JESD204B sample and the least significant
16-bits of the 64-bit low multiplier frame map to the most
recent 16-bit JESD204B sample.
The receive portion of the fS × 2 JESD204B application layer is
shown in Figure 105.
ADC SAMPLE N
(12 BITS)
ADC
JESD SAMPLE N
(16 BITS)
APPLICATION
LAYER
DATA LINK,
TRANSPORT,
AND PHY LAYERS
fS × 2 APPLICATION LAYER (TRANSMIT)
4/5 RATE EXCHANGE
USER DEFINED
(FSYNC[3:0])
ADC SAMPLE N + 1
(12 BITS)
ADC SAMPLE N + 2
(12 BITS)
ADC SAMPLE N + 3
(12 BITS)
48 BITS
@
fS/4
64 BITS
@
fS/5
64 BITS
@
fS/5
ADC SAMPLE N
(12 BITS)
ADC SAMPLE N + 1
(12 BITS)
ADC SAMPLE N + 2
(12 BITS)
ADC SAMPLE N + 3
(12 BITS)
ADC SAMPLE N + 4
(12 BITS)
(4 BITS)
S[N][11:0], S[N + 1][11:8]
(16 BITS)
S[N + 1][7:0], S[N + 2][11:4]
(16 BITS)
S[N + 2][3:0], S[N + 3][11:0]
(16 BITS)
S[N + 4][11:0], UD[3:0]
(16 BITS)
JESD SAMPLE N + 1
(16 BITS)
JESD SAMPLE N + 2
(16 BITS)
JESD SAMPLE N + 3
(16 BITS)
JESD204B FRAMER + PHY
(M = 1; L = 8; S = 4; F = 1; N = 16; N' = 16; CF = 0; SCR = 0, 1; HD = 1; K = SEE SPEC
Figure 104. fS × 2 Mode Application Layer (Transmit)


Similar Part No. - AD9625BBP-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBP-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com