Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9625BBP-2.6 Datasheet(PDF) 54 Page - Analog Devices

Part # AD9625BBP-2.6
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBP-2.6 Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9625BBP-2.6 Datasheet HTML 50Page - Analog Devices AD9625BBP-2.6 Datasheet HTML 51Page - Analog Devices AD9625BBP-2.6 Datasheet HTML 52Page - Analog Devices AD9625BBP-2.6 Datasheet HTML 53Page - Analog Devices AD9625BBP-2.6 Datasheet HTML 54Page - Analog Devices AD9625BBP-2.6 Datasheet HTML 55Page - Analog Devices AD9625BBP-2.6 Datasheet HTML 56Page - Analog Devices AD9625BBP-2.6 Datasheet HTML 57Page - Analog Devices AD9625BBP-2.6 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 52 of 72
SERIAL PORT INTERFACE (SPI)
The AD9625 SPI allows the user to configure the converter for
specific functions or operations through a structured register
space provided inside the ADC. The SPI gives the user added
flexibility and customization, depending on the application.
Addresses are accessed via the serial port and can be written to
or read from via the port. Memory is organized into bytes that
can be further divided into fields. These fields are documented
in the Memory Map section.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK pin, the SDIO
pin, and the CSB pin (see Table 25). The SCLK (serial clock) pin is
used to synchronize the read and write data presented from/to the
ADC. The SDIO (serial data input/output) pin is a dual-purpose
pin that allows data to be sent and read from the internal ADC
memory map registers. The CSB (chip select bar) pin is an active
low control that enables or disables the read and write cycles.
Table 25. Serial Port Interface Pins
Pin
Function
SCLK
Serial Clock. The serial shift clock input, which is used to
synchronize serial interface, reads and writes.
SDIO
Serial Data Input/Output. A dual-purpose pin that
typically serves as an input or an output, depending on
the instruction being sent and the relative position in the
timing frame.
CSB
Chip Select Bar. An active low control that gates the read
and write cycles.
The falling edge of CSB, in conjunction with the rising edge of
SCLK, determines the start of the framing.
Other modes involving the CSB pin are available. The CSB pin
can be held low indefinitely, which permanently enables the
device; this is called streaming. The CSB pin can stall high
between bytes to allow for additional external timing. When
CSB is tied high, SPI functions are placed in a high impedance
mode. This mode turns on any SPI pin secondary functions.
All data is composed of 8-bit words. The first bit of each individual
byte of serial data indicates whether a read or write command is
issued. This allows the SDIO pin to change direction from an
input to an output.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is a read
operation, performing a read causes the SDIO pin to change
direction from an input to an output at the appropriate point in
the serial frame.
Data can be sent in MSB first mode or in LSB first mode. MSB
first is the default on power-up and can be changed via the SPI
port configuration register.
HARDWARE INTERFACE
The pins described in Table 25 comprise the physical interface
between the user programming device and the serial port of the
AD9625. The SCLK pin and the CSB pin function as inputs when
using the SPI interface. The SDIO pin is bidirectional, functioning
as an input during write phases and as an output during read.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note,
Microcontroller-Based Serial Port Interface (SPI) Boot Circuit.
Do not activate the SPI port during periods when the full dynamic
performance of the converter is required. Because the SCLK signal,
the CSB signal, and the SDIO signal are typically asynchronous
to the ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices, it
may be necessary to provide buffers between this bus and the
AD9625 to prevent these signals from transitioning at the converter
inputs during critical sampling periods.


Similar Part No. - AD9625BBP-2.6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBP-2.6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com