Electronic Components Datasheet Search |
|
NT7703H-TAB18 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
NT7703H-TAB18 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 37 page NT7703 9 Functional Description 1. Block description 1.1. Active Control In segment mode, it controls the selection or deselection of the chip. Following a LP signal input and after the select signal is input, a select signal is generated internally until 160 bits of data have been read in. Once data input has been completed, a select signal for the cascade connection is output, and the ship is deselected. In common mode, it controls the input/output data of the bidirectional pins. 1.2. SP Conversion & Data Control In segment mode, it keeps input data, which are 2 clocks of XCK at 4-bit parallel mode in the latch circuit, or keeps input data which are 1 clock of XCK at 8-bit parallel mode in the latch circuit, after which they are put on the internal data bus 8 bits at a time. 1.3. Data Latch Control In segment mode, it selects the state of the data latch, which reads in the data bus signals. The shift direction is controlled by the control logic and for every 16 bits of data read in, the selection signal shifts one bit, based on the state of the control circuit. 1.4. Data Latch In segment mode, it latches the data onto the data bus. The latched state of each LCD driver output pin is controlled by the control logic and the data latch control. 160 bits of data are read in 20 sets of 8 bits. 1.5. Line Latch / Shift Register In segment mode, it ensures that all 160 bits which have been read into the data latch are simultaneously latched on to the falling edge of the LP signal, and output to the level shift block. In common mode, shifts data from the data input pin on to the falling edge of the LP signal. 1.6. Level Shifter It ensures the logic voltage signal is level-shifted to the LCD driver voltage level, and output to the driver block. 1.7. 4-Level Driver It drives the LCD driver output pins from the line latch/shift register data, selecting one of 4 levels (V0, V12, V43, V5) based on the S/C, FR and DISPOFF signals. 1.8. Control Logic It controls the operation of each block. In segment mode, when an LP signal has been input, all blocks are reset and the control logic waits for the selection signal output from the active control block. Once the selection signal has been output, operation of the data latch and data transmission are controlled, 160 bits of data are read in, and the chip is deselected. In common mode, it controls the direction of the data shift. |
Similar Part No. - NT7703H-TAB18 |
|
Similar Description - NT7703H-TAB18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |