Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9625BBPZ-2.5 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9625BBPZ-2.5
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPZ-2.5 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9625BBPZ-2.5 Datasheet HTML 62Page - Analog Devices AD9625BBPZ-2.5 Datasheet HTML 63Page - Analog Devices AD9625BBPZ-2.5 Datasheet HTML 64Page - Analog Devices AD9625BBPZ-2.5 Datasheet HTML 65Page - Analog Devices AD9625BBPZ-2.5 Datasheet HTML 66Page - Analog Devices AD9625BBPZ-2.5 Datasheet HTML 67Page - Analog Devices AD9625BBPZ-2.5 Datasheet HTML 68Page - Analog Devices AD9625BBPZ-2.5 Datasheet HTML 69Page - Analog Devices AD9625BBPZ-2.5 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 64 of 72
Table 81. JESD204B Configuration Register, Address 0x07A (Default = 0xC5)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B serial checksum value for Lane 2. This value is automatically calculated. The value = (the sum of all link
configuration parameters for Lane 2) Modulus 256. Checksum is enabled/disabled using Register 0x061, Bit 7.
Table 82. JESD204B Configuration Register, Address 0x07B (Default = 0xC6)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B serial checksum value for Lane 3. This value is automatically calculated. The value = (the sum of all link
configuration parameters for Lane 3) Modulus 256. Checksum is enabled/disabled using Register 0x061, Bit 7.
Table 83. JESD204B Configuration Register, Address 0x07C (Default = 0xC7)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B serial checksum value for Lane 4. This value is automatically calculated. The value = (the sum of all link
configuration parameters for Lane 4) Modulus 256. Checksum is enabled/disabled using Register 0x061, Bit 7.
Table 84. JESD204B Configuration Register, Address 0x07D (Default = 0xC8)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B serial checksum value for Lane 5. This value is automatically calculated. The value = (the sum of all link
configuration parameters for Lane 5) Modulus 256. Checksum is enabled/disabled using Register 0x061, Bit 7.
Table 85. JESD204B Configuration Register, Address 0x07E (Default = 0xC9)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B serial checksum value for Lane 6. This value is automatically calculated. The value = (the sum of all link
configuration parameters for Lane 6) Modulus 256. Checksum is enabled/disabled using Register 0x061, Bit 7.
Table 86. JESD204B Configuration Register, Address 0x07F (Default = 0xCA)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B serial checksum value for Lane 6. This value is automatically calculated. The value = (the sum of all link
configuration parameters for Lane 6) Modulus 256. Checksum is enabled/disabled using Register 0x061, Bit 7.
Table 87. JESD204B Lane Power-Down Register, Address 0x080 (Default = 0x00)
Bit No.
Access
Bit Description
7
RW
Physical Lane H power-down.
0: Lane H enabled.
1: Lane H powered down.
6
RW
Physical Lane G power-down.
0: Lane G enabled.
1: Lane G powered down.
5
RW
Physical Lane F power-down.
0: Lane F enabled.
1: Lane F powered down.
4
RW
Physical Lane E power-down.
0: Lane E enabled.
1: Lane E powered down.
3
RW
Physical Lane D power-down.
0: Lane D enabled.
1: Lane D powered down.
2
RW
Physical Lane C power-down.
0: Lane C enabled.
1: Lane C powered down.
1
RW
Physical Lane B power-down.
0: Lane B enabled.
1: Lane B powered down.
0
RW
Physical Lane A power-down.
0: Lane A enabled.
1: Lane A powered down.


Similar Part No. - AD9625BBPZ-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625BBPZ-2.0 AD-AD9625BBPZ-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPZ-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com