Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSF3T12 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NLSF3T12
Description  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NLSF3T12 Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NLSF3T125
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
TA = 25°C
TA = ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
t
Maximum Propagation Delay,
AtoY
VCC = 2.3 ± 0.3 V CL = 15 pF
1.0
14.5
16.9
1.0
18.1
1.0
19.2
ns
tPHL
A to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
CL = 50 pF
1.0
1.0
5.6
8.1
8.0
11.5
1.0
1.0
9.5
13.0
1.0
1.0
12.0
16.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
CL = 50 pF
1.0
1.0
3.8
5.3
5.5
7.5
1.0
1.0
6.5
8.5
1.0
1.0
8.5
10.5
tPZL,
t
Maximum Output
Enable TIme OE to Y
VCC = 2.3 ± 0.3 V CL = 15 pF
1.0
14.8
16.2
1.0
17.4
1.0
19.3
ns
tPZH
Enable TIme,OE to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
RL = 1.0 kW
CL = 50 pF
1.0
1.0
5.4
7.9
8.0
11.5
1.0
1.0
9.5
13.0
1.0
1.0
11.5
15.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
RL = 1.0 kW
CL = 50 pF
1.0
1.0
3.6
5.1
5.1
7.1
1.0
1.0
6.0
8.0
1.0
1.0
7.5
9.5
tPLZ,
t
Maximum Output
Disable Time OE to Y
VCC = 2.3 ± 0.3 V CL = 15 pF
1.0
15.4
18.0
1.0
19.8
1.0
22.0
ns
tPHZ
Disable Time,OE to Y
VCC = 3.3 ± 0.3 V CL = 50 pF
RL = 1.0 kW
1.0
9.5
13.2
1.0
15.0
1.0
18.0
ns
VCC = 5.0 ± 0.5 V CL = 50 pF
RL = 1.0 kW
1.0
6.1
8.8
1.0
10.0
1.0
12.0
ns
tOSLH,
tOSHL
Output−to−Output Skew
VCC = 3.3 ± 0.3 V CL = 50 pF
(Note 1)
1.5
1.5
2.0
ns
VCC = 5.0 ± 0.5 V CL = 50 pF
(Note 1)
1.0
1.0
1.5
Cin
Maximum Input Capacitance
4
10
10
10
pF
Cout
Maximum Three−State Output
Capacitance
(Output in High Impedance
State)
6
pF
Typical @ 25
°C, VCC = 5.0V
CPD
Power Dissipation Capacitance (Note 2)
15
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per buffer). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC74VHCT125AFQUAD BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
MC74VHCT125AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
M74HCT125B1RQUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHCT126AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LVX125FQUAD BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
TC74VCX125FTLOW-VOLTAGE QUAD BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
M74HC126QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125RAD-HARD QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHC125Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
MC74VHC126Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn