Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSF3T12 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NLSF3T12
Description  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NLSF3T12 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLSF3T125
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum
High−Level
Input Voltage
2.3 V
± 0.3 V
3.3 V
± 0.3 V
5.0 V
± 0.5 V
0.5 VCC
0.4 VCC
0.44 VCC
0.5 VCC
0.4 VCC
0.44 VCC
0.5 VCC
0.4 VCC
0.44 VCC
V
VIL
Maximum
Low−Level
Input Voltage
2.3 V
± 0.3 V
3.3 V
± 0.3 V
5.0 V
± 0.5 V
0.3 VCC
0.18 VCC
0.18 VCC
0.3 VCC
0.18 VCC
0.18 VCC
0.3 VCC
0.18 VCC
0.18 VCC
V
VOH
Minimum
High−Level
Output Voltage
V
V
V
VOL @ IOL, 50 mA
VIN = VIH or VIL
IOH = − 50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
g
VIN = VIH or VIL
VIN = VIH or VIL
IOH = − 2.0 mA
IOH = − 4.0 mA
IOH = − 8.0 mA
2.0
3.0
4.5
1.82
2.58
3.94
1.72
2.48
3.80
1.60
2.34
3.66
VOL
Maximum
Low−Level
Output Voltage
V
V
V
VOL @ IOL, 50 mA
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
g
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 2.0 mA
IOL = 4.0 mA
IOL = 8.0 mA
2.0
3.0
4.5
0.36
0.36
0.36
0.44
0.44
0.44
0.52
0.52
0.52
IIN
Maximum
Input Leakage
Current
VIN = 5.5 V or GND
0
to
5.5
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum
Quiescent
Supply Current
VIN = VCC or GND
5.5
2.0
20
40
mA
ICCT
Quiescent
Supply
Current
Input: VIN = 3.4 V
5.5
1.35
1.50
1.65
mA
IOZ
Maximum
3−State
Leakage
Current
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.5
±2.5
mA
IOPD
Output
Leakage
Current
VOUT = 5.5 V
0.0
0.5
5.0
10
mA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC74VHCT125AFQUAD BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
MC74VHCT125AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
M74HCT125B1RQUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHCT126AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LVX125FQUAD BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
TC74VCX125FTLOW-VOLTAGE QUAD BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
M74HC126QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125RAD-HARD QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHC125Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
MC74VHC126Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn