Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5601251200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5601251200
Description  DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 12 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5601251200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5601251200_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5601251200
Status:
Active
Overview:
DuraClik™ Connector System
Description:
DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 12 Circuits,
Gray
Documents:
Drawing (PDF)
Packaging Specification PK-560125-001-002 (PDF)
Application Specification AS-560123-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification 5601250900-PK (PDF)
General
Product Family
Accessories
Series
560125
Component Type
Terminal Position Assurance
Overview
DuraClik™ Connector System
Product Name
DuraClik
UPC
889056359917
Physical
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Gray
Lock to Mating Part
Yes
Material - Resin
PBT
Net Weight
0.124/g
Number of Rows
1
Packaging Type
Bag
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-560123-001-001
Packaging Specification
5601250900-_PK, PK-560125-001-002
Sales Drawing
SD-560125-007
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
560125 Series
Use With
DuraClik ISL Terminal Housing 560123
This document was generated on 10/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5601251200_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5601251000 MOLEX-5601251000 Datasheet
93Kb / 1P
   DURA-CLIK ISL R-R 10CKT 150MM DISC Sn
2021/05/28
5601251000 MOLEX-5601251000 Datasheet
92Kb / 1P
   DURA-CLIK ISL R-S 10CKT 150MM DISC Sn
2021/05/28
5601251000 MOLEX1-5601251000_17 Datasheet
42Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 10 Circuits
More results

Similar Description - 5601251200_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5601250300 MOLEX1-5601250300_17 Datasheet
46Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 3 Circuits
5601250500 MOLEX1-5601250500_17 Datasheet
46Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 5 Circuits
5601250800 MOLEX1-5601250800_17 Datasheet
49Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 8 Circuits
5601250601 MOLEX1-5601250601_17 Datasheet
49Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 6 Circuits
5601250600 MOLEX1-5601250600_17 Datasheet
49Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 6 Circuits
5601250200 MOLEX1-5601250200_17 Datasheet
43Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 2 Circuits
5601250301 MOLEX1-5601250301_17 Datasheet
57Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 3 Circuits
5601250400 MOLEX1-5601250400_17 Datasheet
49Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 4 Circuits
5601251000 MOLEX1-5601251000_17 Datasheet
42Kb / 1P
   DuraClik ISL Wire-to-Board Terminal Position Assurance (TPA) Retainer, 10 Circuits
5051521200 MOLEX1-5051521200_17 Datasheet
38Kb / 1P
   DuraClik Wire-to-Board 2-Way Terminal Position Assurance (TPA) Retainer, 12 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com