Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV2002SN1T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV2002SN1T1
Description  Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2002SN1T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV2002SN1T1 Datasheet HTML 7Page - ON Semiconductor NCV2002SN1T1 Datasheet HTML 8Page - ON Semiconductor NCV2002SN1T1 Datasheet HTML 9Page - ON Semiconductor NCV2002SN1T1 Datasheet HTML 10Page - ON Semiconductor NCV2002SN1T1 Datasheet HTML 11Page - ON Semiconductor NCV2002SN1T1 Datasheet HTML 12Page - ON Semiconductor NCV2002SN1T1 Datasheet HTML 13Page - ON Semiconductor NCV2002SN1T1 Datasheet HTML 14Page - ON Semiconductor NCV2002SN1T1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
11
Output
The output stage consists of complimentary P and N
channel devices connected to provide rail−to−rail output
drive. With a 2.0 k load, the output can swing within 50 mV
of either rail. It is also capable of supplying over 75 mA
when powered from 5.0 V and 1.0 mA when powered from
0.9 V.
When connected as a unity gain follower, the NCS2002
can directly drive capacitive loads in excess of 820 pF at
room temperature without oscillating but with significantly
reduced
phase
margin.
The
unity
gain
follower
configuration exhibits the highest bandwidth and is most
prone to oscillations when driving a high value capacitive
load. The capacitive load in combination with the
amplifier’s output impedance, creates a phase lag that can
result in an under−damped pulse response or a continuous
oscillation. Figure 35 shows the effect of driving a large
capacitive load in a voltage follower type of setup. When
driving
capacitive
loads
exceeding
820
pF,
it
is
recommended to place a low value isolation resistor
between the output of the op amp and the load, as shown in
Figure 34. The series resistor isolates the capacitive load
from the output and enhances the phase margin. Refer to
Figure 36. Larger values of R will result in a cleaner output
waveform but excessively large values will degrade the
large signal rise and fall time and reduce the output
amplitude. Depending upon the capacitor characteristics,
the isolation resistor value will typically be between 50 to
500
W. The output drive capability for resistive and
capacitive loads is shown in Figures 2, 3, and 23.
Figure 34. Capacitance Load Isolation
+
Output
R
Isolation resistor R = 50 to 500
CL
Input
Note that the lowest phase margin is observed at cold
temperature and low supply voltage.
Enable Pin
The enable pin allows the user to externally control the
device. if the enable pin is pulled below the input disable
threshold voltage (VEN < 45% VCC), the amplifier is
disabled. Once the enable pin is taken above the threshold
voltage (VEN = 60% VCC), the amplifier will turn on. In the
event the enable pin is not connected, the amplifier will
remain on by default


Similar Part No. - NCV2002SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2002SN1T1 ONSEMI-NCV2002SN1T1 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCV2002SN1T1G ONSEMI-NCV2002SN1T1G Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCV2002SN1T1G ONSEMI-NCV2002SN1T1G Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
More results

Similar Description - NCV2002SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002 ONSEMI-NCS2002_13 Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com