Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5051511101 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5051511101
Description  DuraClik TPA Wire-to-Board Receptacle Housing, 11 Circuits, White
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5051511101 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5051511101_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/16/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5051511101
Status:
Active
Overview:
DuraClik™ Connector System
Description:
DuraClik TPA Wire-to-Board Receptacle Housing, 11 Circuits, White
Documents:
3D Model
Application Specification AS-505151-001-001 (PDF)
Drawing (PDF)
Application Specification AS-505151-002-001 (PDF)
Product Specification 5051510002-000 (PDF)
Packaging Specification 5051519200-200 (PDF)
Product Specification PS-505151-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
505151
Application
Signal, Wire-to-Board
Overview
DuraClik™ Connector System
Product Name
DuraClik
UPC
889056635042
Physical
Circuits (maximum)
11
Color - Resin
White
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester Alloy
Net Weight
450.000/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-505151-001-001, AS-505151-002-001
Packaging Specification
5051519200-200
Product Specification
5051510002-000, PS-505151-001-001
Sales Drawing
SD-505151-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
505151 Series
Mates With
DuraClik Right-Angle Header 502352 <br>
DuraClik Vertical Header 560020
Use With
DuraClik TPA Retainer 505152 <br>
DuraClik TPA Terminal 505153 , 505487
This document was generated on 10/16/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5051511101_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5051511100 MOLEX1-5051511100_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 11 Circuits, Black
More results

Similar Description - 5051511101_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5051511100 MOLEX1-5051511100_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 11 Circuits, Black
5051510301 MOLEX1-5051510301_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 3 Circuits, White
5051511301 MOLEX1-5051511301_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 13 Circuits, White
5051511501 MOLEX1-5051511501_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 15 Circuits, White
5051511001 MOLEX1-5051511001_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 10 Circuits, White
5051510501 MOLEX1-5051510501_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 5 Circuits, White
5051510901 MOLEX1-5051510901_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 9 Circuits, White
5051511401 MOLEX1-5051511401_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 14 Circuits, White
5051510201 MOLEX1-5051510201_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 2 Circuits, White
5051510401 MOLEX1-5051510401_17 Datasheet
45Kb / 1P
   DuraClik TPA Wire-to-Board Receptacle Housing, 4 Circuits, White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com