Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2002 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCS2002
Description  Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCS2002 Datasheet HTML 3Page - ON Semiconductor NCS2002 Datasheet HTML 4Page - ON Semiconductor NCS2002 Datasheet HTML 5Page - ON Semiconductor NCS2002 Datasheet HTML 6Page - ON Semiconductor NCS2002 Datasheet HTML 7Page - ON Semiconductor NCS2002 Datasheet HTML 8Page - ON Semiconductor NCS2002 Datasheet HTML 9Page - ON Semiconductor NCS2002 Datasheet HTML 10Page - ON Semiconductor NCS2002 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
7
3.0
−50
−25
0
25
50
75
100
2.0
1.0
125
TA, Ambient Temperature (°C)
VS = ±2.5 V
RL = 10 k
CL = 10 pF
TA, Ambient Temperature (°C)
−50
−25
0
25
50
75
100
1.5
1.0
0.5
125
RL = 10 k
CL = 10 pF
AV = 1.0
+Slew Rate, VS = ±0.5 V
−Slew Rate, VS = ±2.5 V
−Slew Rate, VS = ±0.5 V
10
1.0
0.01
0.1
0.001
f, Frequency (Hz)
10
1.0 k
100
100 k
10 k
VS = ±2.5 V
Vout = 4.0 Vpp
RL = 2.0 k
TA = 25°C
Figure 14. Total Harmonic Distortion versus
Frequency with 1.0 V Supply
Figure 15. Total Harmonic Distortion versus
Frequency with 1.0 V Supply
Figure 16. Total Harmonic Distortion versus
Frequency with 5.0 V Supply
Figure 17. Total Harmonic Distortion versus
Frequency with 5.0 V Supply
f, Frequency (Hz)
f, Frequency (Hz)
f, Frequency (Hz)
10
10
1.0
1.0 k
100
0.1
0.01
10 k
100 k
AV = 1.0
AV = 10
AV = 100
AV = 1000
10
1.0 k
10 k
100
100 k
10
1.0
0.1
0.01
0.01
0.001
0.1
1.0
10
10
1.0 k
100
100 k
10 k
VS = ±2.5 V
Vout = 4.0 Vpp
RL = 10 k
TA = 25°C
Figure 18. Slew Rate versus Temperature
Figure 19. Gain Bandwidth Product versus
Temperature
+Slew Rate, VS = ±2.5 V
VS = ±0.5 V
Vout = 0.4 Vpp
RL = 2.0 k
TA = 25°C
AV = 1.0
AV = 10
AV = 100
AV = 1000
AV = 1.0
AV = 10
AV = 100
AV = 1000
AV = 1.0
AV = 10
AV = 100
AV = 1000
VS = ±0.5 V
Vout = 0.4 Vpp
RL = 10 k
TA = 25°C
0.6
0.7
0.8
0.9
1.1
1.2
1.3
1.4
0


Similar Part No. - NCS2002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002 ONSEMI-NCS2002 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2002 ONSEMI-NCS2002 Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
NCS2002SN1T1 ONSEMI-NCS2002SN1T1 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2002SN1T1G ONSEMI-NCS2002SN1T1G Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2002SN1T1G ONSEMI-NCS2002SN1T1G Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
More results

Similar Description - NCS2002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002 ONSEMI-NCS2002_13 Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com