Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9V403 Datasheet(PDF) 31 Page - Micron Technology

Part # MT9V403
Description  1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V403 Datasheet(HTML) 31 Page - Micron Technology

Back Button MT9V403 Datasheet HTML 25Page - Micron Technology MT9V403 Datasheet HTML 26Page - Micron Technology MT9V403 Datasheet HTML 27Page - Micron Technology MT9V403 Datasheet HTML 28Page - Micron Technology MT9V403 Datasheet HTML 29Page - Micron Technology MT9V403 Datasheet HTML 30Page - Micron Technology MT9V403 Datasheet HTML 31Page - Micron Technology MT9V403 Datasheet HTML 32Page - Micron Technology MT9V403 Datasheet HTML 33Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS
ACTIVE-PIXEL DIGITAL IMAGE SENSOR
09005aef80c07280
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V403_DS.fm - Rev. B 1/04 EN
31
©2004 Micron Technology. Inc.
Figure 39: Pixel Array Offset Drawing
NOTE:
1. All dimensions are in millimeters.
2. Tolerance on die placement is ±0.25mm.
3. Rotation <2°.
4. Tilt ±2 mils.
Figure 40: Package Drawing – Top View
NOTE:
1. Dimensions in mm.
2.
0.267±0.25
PIN 1
14.22±.013 (Square)
9.149
6.61
4.97
1.318±0.2
(1, 1)
(502, 667)
13.16 sq
13.26 sq
14.07
14.52
42
31
43
30
6
7
18
19
MAX
MIN
--------------


Similar Part No. - MT9V403

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9V403C12STM MICRON-MT9V403C12STM Datasheet
416Kb / 33P
   1/2-INCH CMOS ACTIVEPIXEL CMOS IMAGE SENSOR
More results

Similar Description - MT9V403

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9V011 MICRON-MT9V011 Datasheet
537Kb / 33P
   1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9V111 MICRON-MT9V111 Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
logo
ON Semiconductor
MT9V111 ONSEMI-MT9V111 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
logo
Micron Technology
MT9D011 MICRON-MT9D011 Datasheet
1Mb / 61P
   1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9M011 MICRON-MT9M011 Datasheet
902Kb / 41P
   1/3-Inch Megapixel CMOS Active-Pixel Digital Image Sensor
MT9V012 MICRON-MT9V012 Datasheet
783Kb / 53P
   1/6-Inch VGA CMOS Digital Image Sensor
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
   1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com