Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9V112 Datasheet(PDF) 30 Page - Micron Technology

Part # MT9V112
Description  SOC VGA DIGITAL IMAGE SENSOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V112 Datasheet(HTML) 30 Page - Micron Technology

Back Button MT9V112 Datasheet HTML 26Page - Micron Technology MT9V112 Datasheet HTML 27Page - Micron Technology MT9V112 Datasheet HTML 28Page - Micron Technology MT9V112 Datasheet HTML 29Page - Micron Technology MT9V112 Datasheet HTML 30Page - Micron Technology MT9V112 Datasheet HTML 31Page - Micron Technology MT9V112 Datasheet HTML 32Page - Micron Technology MT9V112 Datasheet HTML 33Page - Micron Technology MT9V112 Datasheet HTML 34Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
MT9V112
SOC VGA DIGITAL IMAGE SENSOR
PRELIMINARY
09005aef8154a39d/09005aef8175e6cc
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V112_2.fm- Rev. A 1/05 EN
30
©2004 Micron Technology, Inc. All rights reserved.
R103:2—0x267 – Auto Exposure Digital Gain Limits (R/W)
Default
0x4010
Description
This register specifies the upper limits of the digital gains used by the auto exposure algorithm. The values
programmed to this register are 16 times the absolute gain values. The value of 16 represents the gain 1.0.
Bits 15:8
Maximum limit on post-lens correction digital gain.
Bits 7:0
Maximum limit on pre-lens correction digital gain.
R156:2—0x29C – Auto Exposure Speed and Sensitivity Control—Context B (R/W)
Default
0xDF20
Description
This register specifies the speed and sensitivity to auto exposure changes in context B.
Bit 15
Reserved.
Bit 14
Reserved.
Bits 13:12
Reserved.
Bit 11
Reserved.
Bit 10
Reserved.
Bit 9
Reserved.
Bits 8:6
Factor of reduction of the difference between current luma and target luma. In one adjustment, auto
exposure advances from current luma to target as follows:
“000”
1/4 way going down, 1/8 going up.
“001”
1/4 way in both directions.
“010”
1/2 way in both directions.
“011”
1/2 way going down, 1/4 going up.
“100”
All the way in both directions (fast adaptation!).
“101”
3/4 way in both directions.
“110”
7/8 way in both directions.
“111”
Reserved. Currently the same as “100.”
Bit 5
Reserved.
Bits 4:3
Auto exposure luma is updated every N frames, where N is given by this field.
Bits 2:0
Hysteresis control via time-averaged smoothing of luma data. Luma measurements for auto exposure are
time-averaged as follows:
“000”
Auto exposure luma = current luma.
“001”
Auto exposure luma = 1/2 current luma + 1/2 buffered value.
“010”
Auto exposure luma = 1/4 current luma + 3/4 buffered value.
“011”
Auto exposure luma = 1/8 current luma + 7/8 buffered value.
“100”
Auto exposure luma = 1/16 current luma + 15/16 buffered value.
“101”
Auto exposure luma = 1/32 current luma + 31/32 buffered value.
“110”
Auto exposure luma = 1/64 current luma + 63/64 buffered value.
“111”
Auto exposure luma = 1/128 current luma + 127/128 buffered value.
R180:2 – Reserved
R200:2—0x2C8 – Global Context Control (R/W)
Default
0x0000
Description
Defines sensor and colorpipe context for current frame. Context A is typically used to define preview or
viewfinder mode, while context B is typically used for snapshots. The bits of this register directly control the
respective functions, so care must be taken when writing to this register if a bad frame is to be avoided
during the context switch.
Bit 15
Controls assertion of sensor restart on update of global context control register. This helps ensure that the
very next frame is generated with the new context (a problem with regard to exposure due to the rolling
shutter). This bit is automatically cleared once the restart has occurred.
0: Do not restart sensor.
1: Restart sensor.
Table 10:
Camera Control Register Description (continued)


Similar Part No. - MT9V112

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9V111 MICRON-MT9V111 Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
logo
ON Semiconductor
MT9V111 ONSEMI-MT9V111 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
MT9V111D00ATCK82AC1-305 ONSEMI-MT9V111D00ATCK82AC1-305 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
MT9V111D00STCK82AC1K-305 ONSEMI-MT9V111D00STCK82AC1K-305 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
logo
Micron Technology
MT9V111I29STC MICRON-MT9V111I29STC Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
More results

Similar Description - MT9V112

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
MT9V111 ONSEMI-MT9V111 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
Micron Technology
MT9V111 MICRON-MT9V111 Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
logo
Pixart Imaging Inc.
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com