Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V112 Datasheet(PDF) 1 Page - Micron Technology

Part No. MT9V112
Description  SOC VGA DIGITAL IMAGE SENSOR
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V112 Datasheet(HTML) 1 Page - Micron Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE FOR EVALUATION AND REFERENCE PURPOSES ONLY AND ARE SUBJECT TO CHANGE BY
MICRON WITHOUT NOTICE. PRODUCTS ARE ONLY WARRANTED BY MICRON TO MEET MICRON’S PRODUCTION DATA SHEET SPECIFICATIONS.
09005aef8154a39d/09005aef8175e6cc
MT9V112_1.fm- Rev. A 1/05 EN
1
©2004 Micron Technology, Inc. All rights reserved.
MT9V112
SOC VGA DIGITAL IMAGE SENSOR
PRELIMINARY
1/6-INCH SOC VGA CMOS
DIGITAL IMAGE SENSOR
PART NUMBER: MT9V112I2ASTC
Features
• DigitalClarityCMOS Imaging Technology
• System-On-a-Chip (SOC)—Completely integrated
camera system
• Ultra-low power, low cost, progressive scan CMOS
image sensor
• Superior low-light performance
• On-chip image flow processor (IFP) performs
sophisticated processing:
Color recovery and correction, sharpening, gamma,
lens shading correction, and on-the-fly defect cor-
rection
• Filtered image downscaling to arbitrary size with
smooth, continuous zoom and pan
• Automatic Features:
Auto exposure, auto white balance (AWB), auto
black reference (ABR), auto flicker avoidance, auto
color saturation, and auto defect identification and
correction
• Fully automatic Xenon and LED-type flash support,
fast exposure adaptation
• Multiple parameter contexts, easy/fast mode
switching
• Camera control sequencer automates:
Snapshots, snapshots with flash, and video clips
•Simple two-wire serial programming interface
• ITU-R BT.656 (YCbCr), 565RGB, 555RGB, or 444RGB
formats (progressive scan)
• Raw and processed Bayer formats
Applications
• Cellular phones
•PDAs
•Toys
• Other battery-powered products
Table 1:
Key Performance Parameters
PARAMETER
TYPICAL VALUE
Optical Format
1/6-inch (4:3)
Active Imager Size
2.30mm(H) x 1.73mm(V)
2.88mm Diagonal
Active Pixels
640H x 480V
Pixel Size
3.6µm x 3.6µm
Color Filter Array
RGB Bayer Pattern
Shutter Type
Electronic Rolling
Shutter (ERS)
Maximum Data Rate/
Master Clock
12 MPS–13.5 MPS/
24 MHz–27 MHz
Frame Rate (VGA 640H x 480V) 30 fps at 27 MHz
ADC Resolution
10-bit, on-chip
Responsivity
1.0 V/lux-sec (550nm)
Dynamic Range
71dB
SNRMAX
44dB
Supply Voltage
I/O Digital
1.7V–3.6V
Core Digital
1.7V–1.9V or 2.5V–3.1V
(1.8V or 2.8V nominal)
Analog
2.5V–3.1V
(2.8V nominal)
Power Consumption
76mW at 1.8V, 15fps
Operating Temperature
-30°C to +70°C
Packaging
36-Ball ICSP, wafer or die


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn