Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1800 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1800
Description  Integrated Circuit TV Multiplex Sound Decoder
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1800 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1800 Datasheet HTML 1Page - NTE Electronics NTE1800 Datasheet HTML 2Page - NTE Electronics NTE1800 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1800
Integrated Circuit
TV Multiplex Sound Decoder
Description:
The NTE1800 Multiplexed Sound Decoder is a linear integrated circuit in a 30–Lead DIP type package
that incorporates the SAP demodulation and the L, R matrix circuits required to demodulate multi-
plexed sound signals on the US NTSC system.
The NTE1800 also features mode switching to facilitate the use of remote control, and can be interfaced
easily to the NTE1801 dbx Noise Reduction Decoder IC.
Features:
D Mode switching for remote control
D Built–in muting function
D Pilot cancel circuit
D 8.0 to 13.2V power supply
D 300mVrms (MONO) composite signal input voltage
D 30–pin plastic shrink DIP
D Easily interfaced to the NTE1801
Functions:
D Pilot signal
D SAP signal
D Stereo demodulation
D SAP demodulation
D Mode switching
D Stereo and SAP display drivers
D Pilot canceler
D On–chip 4fH VCO
D On–chip 5fH VCO
Absolute Maximum Ratings:
Power Supply Voltage, VCCmax
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Voltage, Vin
5Vp–p
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control Signal Voltage, Vin
5Vp–p
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA ≤ +70°C), PDmax
800mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lamp Driver Current, Ilamp
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topg
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Power Supply Voltage, VCC
8 to 13.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Composite Signal Voltage, Vin
300mVrms
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn