Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1800 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE1800
Description  Integrated Circuit TV Multiplex Sound Decoder
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1800 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1800 Datasheet HTML 1Page - NTE Electronics NTE1800 Datasheet HTML 2Page - NTE Electronics NTE1800 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4fh Adjust
5fh Adjust
5fh VCO Cap
Pin Connection Diagram
VCC
Phase Comp
R Output
Filter Cap
L–R SAP Input
Pilot Regeneration Cap
Phase Comp Input
Phase Comp Cap
Phase Comp
Phase Comp Cap
Stereo Lamp
GND
L–R SAP Output
L–R Input
1
2
3
4
Limiter Amp Input
Filter Cap
5
6
7
Phase Detector Cap
8
30
29
28
27
SAP Lamp
26
25
24
23
9
Mode Switch
22
Pilot Input
Stereo Input
10
Mono Switch
11
21
20
Preamp Output
12
19
Preamp Input
13
18
14
L Output
17 Mute
15
16 L–R Output
.400 (10.16)
.200
(5.08)
Max
.388 (8.6)
30
16
115
1.066 (27.0)
.125 (3.17)
.070 (1.78)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn