Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 45 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 45 Page - Micron Technology

 
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
®
8000 S. Federal Way, P.O. Box 6, Boise, ID 83707-0006, Tel: 208-368-3900
prodmktg@micron.com www.micron.com Customer Comment Line: 800-932-4992
Micron, the M logo, and the Micron logo are trademarks of Micron Technology, Inc.
All other trademarks are the property of their respective owners.
This data sheet contains minimum and maximum limits specified over the complete power supply and temperature range
for production devices. Although considered final, these specifications are subject to change, as further product
development and data characterization sometimes occur.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
Appendix B – Overview Of Programming
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
45
©2004 Micron Technology, Inc. All rights reserved.
Figure 26: 44-Ball ICSP Package Outline Drawing
Notes: 1. All dimensions in millimeters.
2. ICSP package information is preliminary.
SEATING PLANE
7.00 ±0.075
3.50 ±0.05
2.25
2.25
ENCAPSULANT: EPOXY
IMAGE SENSOR DIE
LID MATERIAL: BOROSILICATE GLASS 0.40 THICKNESS
OPTICAL AREA
OPTICAL
CENTER
PACKAGE
CENTER
1.17 ±0.10
0.22
(FOR REFERENCE ONLY)
0.100
(FOR REFERENCE
ONLY)
0.95 (FOR REFERENCE ONLY)
5.30 CTR
4.50
3.584 CTR
3.500 ±0.075
BALL A1
CORNER
5.30
CTR
2.688
CTR
3.400 ±0.075
3.50 ±0.05
0.75 TYP
0.75 TYP
7.00 ±0.075
0.375 ±0.075
0.575 ±0.050
0.175
(FOR REFERENCE ONLY)
CL
CL
4.50
SUBSTRATE MATERIAL: PLASTIC LAMINATE
SOLDER BALL MATERIAL: 62% Sn, 36% Pb, 2%Ag
OR 96.5% Sn, 3%Ag, 0.5% Cu
SOLDER MASK DEFINED BALL PADS: Ø 0.27
MAXIMUM ROTATION OF OPTICAL AREA RELATIVE TO PACKAGE EDGES: 1º
MAXIMUM TILT OF OPTICAL AREA RELATIVE TO
: 0.3º
0.10 A
A
BALL A1 ID
BALL A1
BALL A7
44X Ø0.35
DIMENSIONS APPLY TO SOLDER
BALLS POST REFLOW. THE PRE-
REFLOW DIAMETER IS Ø0.33
PIXEL
(0,0)
B
B
MAXIMUM TILT OF OPTICAL AREA RELATIVE TO TOP OF COVER GLASS: 0.3º


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn