Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 31 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 31 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
31
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
Electrical Specifications
Notes: 1. For 30 fps operation with a 27 MHz clock, it is very important to have a precise duty cycle
equal to 50%. With a slower frame rate and a slower clock the clock duty cycle can be
relaxed.
Table 11: AC Electrical Characteristics
VDD = VAA = 2.8 ± 0.25V; TA = 25°C
Symbol
Definition
Condition
MIN
TYP
MAX
Unit
fCLKIN
Input Clock Frequency
12
27
MHz
Clock Duty Cycle
45
50
55
%
tR
Input Clock Rise Time
2.0
ns
tF
Input Clock Fall Time
2.0
ns
tPLHP
tPHLP
CLKIN to PIXCLK propagation delay:
LOW-to-HIGH
HIGH-to-LOW
CLOAD = 10pF
12
10
ns
t
DSETUP
t
DHOLD
PIXCLK to DOUT(7:0) at 27 MHz
Setup Time
Hold Time
CLOAD = 10pF
13.0
13.0
ns
t
DSETUP
t
DHOLD
PIXCLK to DOUT(7:0) at 12 MHz
Setup Time
Hold Time
CLOAD = 10pF
25.0
25.0
ns
tOH
Data Hold Time from PIXCLK falling edge
9.0
ns
tPLHF,L
tPHLF,L
CLKIN to FRAME_VALID and LINE_VALID propagation
delay:
LOW-to-HIGH
HIGH-to-LOW
CLOAD = 10pF
9.0
7.5
ns
t
OUT
R
Output Rise Time
CLOAD = 10pF
7.0
ns
t
OUT
F
Output Fall Time
CLOAD = 10pF
9.0
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn