Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 30 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 30 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
30
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
Electrical Specifications
Electrical Specifications
The recommended die operating temperature ranges from -20°C to +40°C. The sensor
image quality may degrade above +40°C.
Notes: 1. To place the chip in standby mode, first raise STANDBY to VDD, then wait two master clock
cycles before turning off the master clock. Two master clock cycles are required to place
the analog circuitry into standby, low-power mode.
2. When STANDBY is de-asserted, standby mode is exited immediately (within several master
clocks), but the current frame and the next two frames will be invalid. The fourth frame
will contain a valid image.
Table 10: DC Electrical Characteristics
VDD = VAA = 2.8 ± 0.25V; TA = 25°C
Symbol
Definition
Condition
MIN
TYP
MAX
Unit
VIH
Input High Voltage
VDD - 0.25
VDD + 0.25
V
VIL
Input Low Voltage
-0.3
0.8
V
IIN
Input Leakage Current
No Pull-up Resistor; VIN = VDD or
DGND
-5
5.0
µA
VOH
Output High Voltage
VDD - 0.2
V
VOL
Output Low Voltage
0.2
V
IOH
Output High Current
15.0
mA
IOL
Output Low Current
20.0
mA
IOZ
Tri-state Output Leakage Current
5.0
µA
IAA
Analog Operating Supply Current
Default settings, CLOAD = 10pF
CLKIN = 12 MHz
CLKIN = 27 MHz
10.0
10.0
20.0
20.0
25.0
25.0
mA
IDD
Digital Operating Supply Current
Default settings, CLOAD = 10pF
CLKIN = 12 MHz
CLKIN = 27 MHz
5.0
10.0
8.0
15.0
20.0
20.0
mA
IAA Standby Analog Standby Supply Current
STDBY = VDD
0.0
2.5
5.0
µA
IDD Standby Digital Standby Supply Current
STDBY = VDD
0.0
2.5
5.0
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn