Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 24 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 24 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
24
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
Sensor Core Registers
Sensor Core Registers
Table 8:
Sensor Core Register List
Register
Description
Default Value
Dec
Hex
Dec
Hex
0
0x00
Reserved
-
-
1
0x01
Register Address Select
1
0x01
2
0x02
Column Start1
18
0x0012
3
0x03
Window Height1
487
0x01E7
4
0x04
Window Width1
647
0x0287
5
0x05
Horizontal Blanking
38
0x0026
6
0x06
Vertical Blanking1
4
0x0004
7
0x07
Output Control1
12306
0x3012
8
0X08
Row Start1
6
0x0006
9
0x09
Shutter Width2
248
0x00F8
10
0x0A
Reserved
0
0x0000
11
0x0B
Reserved
0
0x0000
12
0x0C
Shutter Delay2
0
0x0000
13
0x0D
Reserved
0
0x0000
18
0x12
2X Zoom Col Start
176
0x00B0
19
0x13
2X Zoom Row Start
124
0x007C
30
0x1E
Digital Zoom
0
0x0000
32
0x20
Read Mode
4096
0x1000
33
0x21
Reserved
0
0x0000
34
0x22
Reserved
0
0x0000
39
0x27
Reserved
36
0x0024
40
0x28
Reserved
0
0x0000
43
0x2B
Green1 Gain2
32
0x0020
44
0x2C
Blue Gain2
32
0x0020
45
0x2D
Red Gain2
32
0x0020
46
0x2E
Green2 Gain2
32
0x0020
47
0x2F
Reserved
63408
0xF7B0
48
0x30
Reserved
30725
0x7805
49
0x31
Reserved
42
0x002A
50
0x32
Reserved
0
0x0000
51
0x33
Reserved
12303
0x300F
52
0x34
Reserved
256
0x0100
53
0x35
Global Gain2
32
0x0020
54
0x36
Chip Version (R/O)
33338
0x823A
55
0x37
Reserved
10
0x000A
59
0x3B
Reserved
N/A
60
0x3C
Reserved
2080
0x0820
61
0x3D
Reserved
1679
0x068F
62
0x3E
Reserved
N/A
63
0x3F
Reserved
1696
0x06A0
64
0x40
Reserved
480
0x01E0
65
0x41
Reserved
209
0x00D1
66
0x42
Reserved
2178
0x0882


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn