Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 21 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 21 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
21
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
IFP Register Description
167
0xA7
15:0
640
Horizontal output size in decimation.
9:0
640
Horizontal size of output image.
15
W/O
“1” = freeze update of decimation parameters.
See R0xA5 for details.
168
0xA8
15:0
0
Vertical pan in decimation.
8:0
0
Vertical pan.
15
W/O
“1” = freeze update of decimation parameters.
See R0xA5 for details.
169
0xA9
15:0
480
Vertical zoom in decimation.
8:0
480
Vertical size of window before decimation.
15
W/O
“1” = freeze update of decimation parameters.
See R0xA5 for details.
170
0xAA
15:0
480
Vertical output size in decimation.
8:0
480
Vertical size of output image.
15
W/O
“1” = freeze update of decimation parameters.
See R0xA5 for details.
Table 7:
IFP Register Description (Continued)
Register
Bits
Default
Name


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn