Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 17 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 17 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
17
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
IFP Register Description
8
0x08
15:0
51200
Output format control.
00
Toggles the assumption about Bayer CFA (horizontal shift).
“0”
row containing blue comes first.
“1”
row with red comes first.
10
Toggles the assumption about Bayer CFA (vertical shift).
“0”
green comes first.
“1”
red or blue comes first.
20
Disable Cr. Forces output Cr = 128 in YCbCr mode and R = 0 in RGB.
30
Disable Y. Force output Y = 128 in YCbCr mode and G = 0 in RGB.
40
Disable Cb. Force output Cb = 128 in YCbCr mode and B = 0 in RGB.
50
Monochrome. Forces Cr=Cb=128 in YCbCr or R,B = G in RGB mode.
60
N/A
70
Entire image processing is bypassed and raw 8+2 Bayer data output directly.
80
“1”
enables lens shading correction.
90
Inverts output pixel clock.
10
0
Reserved.
11
1
Enable automatic flicker avoidance.
12
0
“1” output mode is RGB.
“0”
output mode is YCbCr. See also Reg0x3A[7:6]. This bit is subject to synchronous
update, see Reg0xA5.
13
0
N/A
14
1
Reserved.
15
1
Reserved.
33
0x21
15:0
0
AWB tint.
7:0
0
Blue channel add-on.
15:8
0
Red channel add-on.
In the AWB mode, this register specifies gain “add-ons” to the values determined by AWB, allowing to
“skew” the overall color of the image.
37
0x25
14:0
17700
AWB speed and color saturation control.
2:0
4
AWB reaction delay:
“000”
fastest.
"111”
slowest.
6:3
4
AWB speed.
“000”
fastest.
"111”
slowest.
10:8
5
Reserved.
13:11
0
U/V saturation. Specify overall attenuation of the color saturation:
”000”
full color saturation.
”001”
75% of full saturation.
“010”
50% of full saturation.
”011”
37.5% of full saturation.
”100”
25% of full saturation.
”101”
150% of full saturation.
”110”
black and white.
14
1
“1”
enables automatic color saturation control in low light. The automatic
saturation control acts “in addition” to the saturation specified in Bits13:11.
Table 7:
IFP Register Description (Continued)
Register
Bits
Default
Name


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn