Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 16 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 16 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
16
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
IFP Register Description
IFP Register Description
Table 7:
IFP Register Description
Register
Bits
Default
Name
1
0x01
7:0
1
Register address space selection.
This register controls the address space for the two-wire serial interface communications. Set Reg0x01 = 1 to
select IFP address space and Reg0x01 = 4 for sensor space. Reg0x01 is always accessible regardless of the page
currently selected.
5
0x05
3:0
11
Aperture correction (sharpening).
2:0
3
Sharpening factor:
”000”
no sharpening.
”001”
25% sharpening.
”010”
50% sharpening.
”011”
75% sharpening.
”100”
100% sharpening.
”101”
125% sharpening.
”110”
150% sharpening.
”111”
200% sharpening.
31
Automatically reduces sharpness in low light.
6
0x06
15:0
28686
Operating mode control.
00
Reserved.
11
“1”
enables auto white balance.
“0”
stops AWB at the current values.
3:2
3
Back light compensation:
”00”
AE measurement window is specified by Reg0x26 and Reg0x27 (“large
window”).
“01”
AE measurement window is specified by Reg0x2B and Reg0x2C (“center
window”).
“10” and “11”
AE measurement window is a weighted sum of “large window” and
“center window” with center window given twice the weight.
40
“1”
bypass color correction matrix.
“0”
normal color processing.
50
Reserved.
60
Reserved.
70
“1”
ITU_R BT.656 synchronization codes are embedded in the image.
9:8
0
N/A
10
0
Reserved.
11
0
Reserved.
12
1
Enable aperture correction knee.
13
1
“1”
enables on-the-fly defect correction.
14
1
“1”
enable auto exposure.
15
0
Reserved.
7
0x07
00
Image flow processor soft reset.
Asserts reset on all IFP registers.
Example: write Reg0x07 = 1 followed by Reg0x07 = 0 to reset IFP.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn