Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 13 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 13 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
13
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
IFP Register List
42
2A
128
0x0080
White Balance Register 11
43
2B
30760
0x7828
Horizontal Boundaries of AE Measurement Window
for Back Light Compensation
44
2C
46140
0xB43C
Vertical Boundaries of AE Measurement Window
for Back Light Compensation
45
2D
57504
0xE0A0
Boundaries of AWB Measurement Window
46
2E
4196
0x1064
AE Target and Accuracy Control
47
2F
68
0x0044
AE Speed and Sensitivity Control
48
30
R/O
White Balance Register 12
49
31
R/O
White Balance Register 13
50
32
R/O
White Balance Register 14
51
33
5230
0x146E
Auto Exposure Register 1
52
34
16
0x0010
Luminance Offset Control
53
35
61456
0xF010
Clipping Limits for Output Luminance
54
36
30736
0x7810
Auto Exposure Register 2
55
37
768
0x0300
White Balance Register 15
56
38
1144
0x0478
Auto Exposure Register 3
57
39
680
0x02A8
Auto Exposure Register 4
58
3A
0
0x0000
Output Format Control 2
59
3B
1066
0x042A
Black Level Register 1
60
3C
1024
0x0400
Black Level Register 2
61
3D
4570
0x11DA Auto Exposure Register 5
62
3E
3327
0x0CFF
White Balance Register 16
63
3F
0
0x0000
Auto Exposure Register 6
64
40
7696
0x1E10
Auto Exposure Register 7
65
41
5143
0x1417
Auto Exposure Register 8
66
42
26128
0x6610
Auto Exposure Register 9
67
43
28010
0x6D6A Auto Exposure Register 10
68
44
29040
0x7170
Auto Exposure Register 11
69
45
29811
0x7473
Auto Exposure Register 12
70
46
0
0x0000
Auto Exposure Register 13
71
47
24
0x0018
Defect Correction Register 1
72
48
0
0x0000
Test Pattern Generator
74
4A
R/O
Reserved
75
4B
R/O
Reserved
76
4C
R/O
Auto Exposure Register 14
77
4D
R/O
Auto Exposure Register 15
78
4E
16
0x0010
Reserved
79
4F
R/O
Reserved
82
52
R/O
Reserved
83
53
7700
0x1E14
Gamma Correction Register 1
84
54
17966
0x462E
Gamma Correction Register 2
85
55
34666
0x876A
Gamma Correction Register 3
86
56
47008
0xB7A0
Gamma Correction Register 4
Table 6:
IFP Register List (Continued)
Address
Defaults
Description
Dec
Hex
Dec
Hex


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn