Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 1 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 1 Page - Micron Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
Features
Preliminary
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_1.fm - Rev. G 1/05 EN
1
©2004 Micron Technology, Inc. All rights reserved.
‡Products and specifications discussed herein are for evaluation and reference purposes only and are subject to change by Micron without notice. Products are only warranted by Micron
to meet Micron’s production data sheet specifications. Products and specifications discussed herein are subject to change by Micron without notice.
1/4-Inch SOC VGA CMOS Active-Pixel
Digital Image Sensor
MT9V111I29STC
Features
• DigitalClarity™ CMOS Imaging Technology
• System-On-a-Chip (SOC)—Completely integrated
camera system
• Ultra low-power, low cost CMOS image sensor
• Superior low-light performance
• Up to 30 fps progressive scan at 27 MHz for high-
quality video at VGA resolution
• On-chip Image Flow Processor (IFP) performs
sophisticated processing: color recovery and
correction, sharpening, gamma, lens shading
correction, on-the-fly defect correction, 2X fixed
zoom
• Image decimation to arbitrary size with smooth,
continuous zoom and pan
• Automatic exposure, white balance and black
compensation, flicker avoidance, color saturation,
and defect identification and correction, auto frame
rate, back light compensation
• Xenon and LED-type flash support
• Two-wire serial programming interface
• ITU_R BT.656 (YCbCr), YUV, 565RGB, 555RGB, and
444RGB output data formats
Applications
• Cellular phones
•PDAs
•PC Camera
• Toys and other battery-powered products
General Description
The Micron® Imaging MT9V111 is a 1/4-inch VGA-for-
mat CMOS active-pixel digital image sensor, the result
of combining the MT9V011 image sensor core with
Micron Imaging's third-generation digital image flow
processor technology. The MT9V111 has an active imag-
ing pixel array of 649 x 489, capturing high-quality color
images at VGA resolution. The sensor is a complete
camera-on-a-chip solution and is designed specifically
to meet the demands of battery-powered products such
as cellular phones, PDAs, and toys. It incorporates
sophisticated camera functions on-chip and is pro-
grammable through a simple two-wire serial interface.
Table 1:
Key Performance Parameters
Parameter
Typical Value
Optical Format
1/4-inch (4:3)
Active Imager Size
3.58mm(H) x 2.69mm(V)
4.48mm (Diagonal)
Active Pixels
640H x 480V (VGA)
Pixel Size
5.6um x 5.6um
Color Filter Array
RGB Bayer Pattern
Shutter Type
Electronic Rolling Shutter (ERS)
Maximum Data Rate/
Master Clock
12
13.5 MPS/2427 MHz
Frame
Rate
VGA (640 x 480)
15 fps at 12 MHz (default),
programmable up to 30 fps
at 27 MHz
CIF (352 x 288)
Programmable up to 60 fps
QVGA (320 x
240)
Programmable up to 90 fps
ADC Resolution
10-bit, on-chip
Responsivity
1.9 V/lux-sec (550nm)
Dynamic Range
60dB
SNRMAX
45dB
Supply Voltage
2.8V +0.25V
Power Consumption
<80mW at 2.8V, 15 fps at 12MHz
Operating Temperature
-20°C to +60°C
Packaging
44-Ball ICSP, wafer or die


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn