Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 8 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 8 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
8
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
Ball Assignment
A5
DOUT6
Output
ITU_R BT.656/RGB data bit 6.
C3
DOUT5
Output
ITU_R BT.656/RGB data bit 5.
A3
DOUT4
Output
ITU_R BT.656/RGB data bit 4.
B3
DOUT3
Output
ITU_R BT.656/RGB data bit 3.
A2
DOUT2
Output
ITU_R BT.656/RGB data bit 2.
B1
DOUT1
Output
ITU_R BT.656/RGB data bit 1.
C2
DOUT0
Output
ITU_R BT.656/RGB data bit 0 (LSB).
A6,B2,B4,B
6,
B7,C5,E5,F
2
VDD
Supply
Digital Power (2.8V).
G5,G6
VAA
Supply
Analog Power (2.8V).
F7
VAAPIX
Supply
Pixel Array Power (2.8V).
F5,G7
AGND
Supply
Analog Ground.
A1,D1,A4,
A7,C7,D7,G
1,G4
DGND
Supply
Digital Ground.
C1,D2
NC
No connect.
Table 2:
Ball Description (Continued)
Ball
Numbers
Name
Type
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn