Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V111 Datasheet(PDF) 6 Page - Micron Technology

Part No. MT9V111
Description  1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V111 Datasheet(HTML) 6 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
09005aef80e90084
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V111_2.fm - Rev. G 1/05 EN
6
©2004 Micron Technology, Inc. All rights reserved.
MT9V111 - 1/4-Inch SOC VGA Digital Image Sensor
General Description
Figure 2: Internal Register Grouping
Note:
Program R1 to select the desired space (4 = sensor core registes, 1 = IFP/SOC registers).
Figure 3 shows MT9V111 typical connections. For low-noise operation, the MT9V111
requires separate supplies for analog and digital power. Incoming digital and analog
ground conductors can be tied together right next to the die. Both power supply rails
should be decoupled to ground using capacitors. The use of inductance filters is not rec-
ommended.
Figure 3: Typical Configuration (Connection)
Note:
1.5K
Ω resistor value is recommended, but may be greater for slower two-wire speed.
R0
R1
Sensor Core
Registers
(R2..R255)
R1=4
R0
R1
IFP
Registers
(R2..R255)
R1=1
DOUT(7:0)
FRAME_VALID
LINE_VALID
PIXCLK
FLASH
To CMOS
camera port
To Xenon flash
trigger or LED enable
VDD
VAA
10µF
Master
Clock
Two-wire
serial bus
{
AGND
DGND
SADDR
RESET#
SDATA
SCLK
CLKIN
SCAN_EN
OE#
STANDBY
1K
1.5K
1.5K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn