Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MT9V012 Datasheet(PDF) 1 Page - Micron Technology

Part No. MT9V012
Description  1/6-Inch VGA CMOS Digital Image Sensor
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V012 Datasheet(HTML) 1 Page - Micron Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
MT9V012 - 1/6-Inch VGA CMOS Digital Image Sensor
Features
Preliminary
PDF: 814eb99f/Source: 8175e929
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V012_1.fm - Rev. B 2/05 EN
1
©2004 Micron Technology, Inc. All rights reserved.
Products and specifications discussed herein are for evaluation and reference purposes only and are subject to change by Micron without notice. Products are only warranted by Micron
to meet Micron’s production data sheet specifications.
1/6-Inch VGA CMOS Digital Image Sensor
PART NUMBER: MT9V012
Features
• DigitalClarityCMOS Imaging Technology
•High frame rate
• Superior low-light performance
•Low dark current
• Simple two-wire serial interface
• Auto black level calibration
• Operating Modes: Snapshot and flash control, high
frame rate preview, electronic panning
• Programmable Controls: Gain, frame size/rate,
exposure, left–right and top–bottom image reversal,
window size, and panning
• Data Interfaces: parallel and low-voltage differential
signaling (LVDS)
• Applications
• Cellular Phones
•PC Cameras
•PDAs
• Toys and other battery-powered products
General Description
The Micron® Imaging MT9V012 is an oversize VGA-
format CMOS active-pixel digital image sensor with a
pixel array of 649H x 489V. It incorporates sophisti-
cated on-chip camera functions such as windowing,
mirroring, column and row skip modes, and snapshot
mode. It is programmable through a simple two-wire
serial interface and has very low power consumption.
The VGA CMOS image sensor features DigitalClarity—
Micron’s breakthrough low-noise CMOS imaging tech-
nology that achieves CCD image quality (based on sig-
nal-to-noise ratio and low-light sensitivity) while
maintaining the inherent size, cost, and integration
advantages of CMOS.
When operated in its default mode, the sensor gener-
ates a VGA image at 30 frames per second (fps). An on-
chip analog-to-digital converter (ADC) generates a 10-
bit value for each pixel. The pixel data is output on a
10-bit output bus and qualified by an output data
clock (PIXCLK), together with LINE_VALID and
FRAME_VALID signals. A FLASH output strobe is pro-
vided to allow an external Xenon or LED light source to
synchronize with the sensor exposure time. The sensor
can be programmed by the user to control the frame
size, exposure, gain setting and other parameters.
Table 1:
Key Performance Parameters
Parameter
Typical Value
Optical Format
1/6-inch VGA (4:3)
Active Imager Size
2.30mm(H) x 1.77mm(V),
2.88mm Diagonal
Active Pixels
640H x 480V
Pixel Size
3.6µm x 3.6µm
Color Filter Array
RGB Bayer Pattern
Shutter Type
Electronic Rolling Shutter (ERS)
Maximum Data Rate/
Master Clock
13.5 MPS/27 MHz
Frame
Rate
VGA
(640 x 480)
Programmable up to 30 fps
CIF
(352 x 288)
Programmable up to 60 fps
ADC Resolution
10-bit, on-chip
Responsivity
1.0 V/lux-sec (550nm)
Dynamic Range
>71dB
SNRMAX
44dB
Supply
Voltage
Analog
2.50V–3.10V (2.80V nominal)
I/O and
Digital
1.70V–1.90V (1.80V nominal) or
2.50V–3.10V (2.80V nominal)
Power Consumption
<55mW at 2.8V, 27 MHz,
30 fps and VGA resolution
Operating
Temperature
-30°C to +70°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn