Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9M111 Datasheet(PDF) 39 Page - Micron Technology

Part # MT9M111
Description  1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9M111 Datasheet(HTML) 39 Page - Micron Technology

Back Button MT9M111 Datasheet HTML 35Page - Micron Technology MT9M111 Datasheet HTML 36Page - Micron Technology MT9M111 Datasheet HTML 37Page - Micron Technology MT9M111 Datasheet HTML 38Page - Micron Technology MT9M111 Datasheet HTML 39Page - Micron Technology MT9M111 Datasheet HTML 40Page - Micron Technology MT9M111 Datasheet HTML 41Page - Micron Technology MT9M111 Datasheet HTML 42Page - Micron Technology MT9M111 Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
MT9M111
SOC MEGAPIXEL DIGITAL IMAGE SENSOR
PRELIMINARY
09005aef8136743e pdf/09005aef8136761e zip
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9M111__SOC1310__2.fm - Rev. C 10/04 EN
39
©2004 Micron Technology, Inc. All rights reserved.
Sensor Core Register Descriptions
Table 12:
Sensor Core Register Descriptions
BIT FIELD
DESCRIPTION
DEFAULT
(HEX)
SYNCED TO
FRAME START
BAD
FRAME
READ/
WRITE
R0:0—0X000 - CHIP VERSION (R/O)
Bits 15:0
Hardwired read-only.
0x143A
R
R1:0—0X001 - ROW START
Bits 10:0
Row Start
The first row to be read out (not counting dark rows that may
be read). To window the image down, set this register to the
starting Y value. Setting a value less than 8 is not
recommended since the dark rows should be read using
Reg0x022.
0xC
Y
YM
W
R2:0—0X002 - COLUMN START
Bits 10:0
Col Start
The first column to be read out (not counting dark columns
that may be read). To window the image down, set this
register to the starting X value. Setting a value below 0x18 is
not recommended since readout of dark columns should be
controlled by Reg0x022.
0x1E
Y
YM
W
R3:0—0X003 - WINDOW HEIGHT
Bits 10:0
Window
Height
Number of rows in the image to be read out (not counting
dark rows or border rows that may be read).
0x400
Y
YM
W
R4:0—0X004 - WINDOW WIDTH
Bits 10:0
Window Width
Number of columns in image to be read out (not counting
dark columns or border columns that may be read).
0x500
Y
YM
W
R5:0—0X005 - HORIZONTAL BLANKING—CONTEXT B
Bits 10:0
Horizontal
Blanking B
Number of blank columns in a row when Context B is chosen
(bit 0, Reg0x0C8 = 1). If set smaller than the minimum value,
the minimum value is used. With default settings, the
minimum horizontal blanking is 202 columns in full-power
readout mode and 114 columns in low-power readout mode.
0x184
Y
YM
W
R6:0—0X006 - VERTICAL BLANKING—CONTEXT B
Bits 14:0
Vertical
Blanking B
Number of blank rows in a frame when Context B is chosen (bit
1, Reg0x0C8 = 1). This number must be equal to or larger than
the number of dark rows read out in a frame specified by
Reg0x022.
0x2A
Y
N
W
R7:0—0X007 - HORIZONTAL BLANKING—CONTEXT A
Bits 10:0
Horizontal
Blanking A
Number of blank columns in a row when Context A is chosen
(bit 0, Reg0x0C8 = 0). The extra columns are added at the
beginning of a row. If set smaller than the minimum value, the
minimum value is used. With default settings, the minimum
horizontal blanking is 202 columns in full-power readout
mode and 114 columns in low-power readout mode.
0xBE
Y
YM
W
R8:0—0X008 - VERTICAL BLANKING—CONTEXT A


Similar Part No. - MT9M111

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
   1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 45P
   High?륞efinition (HD) System?륮n?륾?륝hip (SOC) Digital Image Sensor
December, 2016 ??Rev. 12
MT9M114D00STCZK24BC1-200 ONSEMI-MT9M114D00STCZK24BC1-200 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
More results

Similar Description - MT9M111

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
MT9M011 MICRON-MT9M011 Datasheet
902Kb / 41P
   1/3-Inch Megapixel CMOS Active-Pixel Digital Image Sensor
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
MT9D011 MICRON-MT9D011 Datasheet
1Mb / 61P
   1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com