Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9M111 Datasheet(PDF) 1 Page - Micron Technology

Part No. MT9M111
Description  1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
Download  61 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9M111 Datasheet(HTML) 1 Page - Micron Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE FOR EVALUATION AND REFERENCE PURPOSES ONLY AND ARE SUBJECT TO CHANGE BY
MICRON WITHOUT NOTICE. PRODUCTS ARE ONLY WARRANTED BY MICRON TO MEET MICRON’S PRODUCTION DATA SHEET SPECIFICATIONS.
09005aef8136743e pdf/09005aef8136761e zip
MT9M111__SOC1310__1.fm - Rev. C 10/04 EN
1
©2004 Micron Technology, Inc. All rights reserved.
MT9M111
SOC MEGAPIXEL DIGITAL IMAGE SENSOR
PRELIMINARY
1/3-INCH SOC MEGAPIXEL
CMOS DIGITAL IMAGE
SENSOR
MT9M111I29STC
(Micron Part Number)
Features
• DigitalClarity CMOS Imaging Technology
• System-on-a-Chip (SOC)—Completely integrated
camera system
• Ultra-low power, low cost, progressive scan CMOS
image sensor
• Superior low-light performance
• On-chip image flow processor (IFP) performs
sophisticated processing:
Color recovery and correction
Sharpening, gamma, lens-shading correction
On-the-fly defect correction
• Filtered image downscaling to arbitrary size with
smooth, continuous zoom and pan
• Automatic Features:
Auto exposure, auto white balance (AWB), auto
black reference (ABR), auto flicker avoidance, auto
color saturation, auto defect identification and
correction
• Fully automatic Xenon and LED-type flash support
Fast exposure adaptation
• Multiple parameter contexts
Easy/fast mode switching
• Camera control sequencer automates:
Snapshots
Snapshots with flash
Video clips
•Simple two-wire serial programming interface
• ITU-R BT.656 (YCbCr), 565RGB, 555RGB, or 444RGB
formats (progressive scan)
• Raw and processed Bayer formats
• Output FIFO and integer clock divider:
“Uniform” pixel clocking
Applications
• Cellular phones
•PDAs
•Toys
• Other battery-powered products
Table 1:
Key Performance Parameters
PARAMETER
TYPICAL VALUE
Optical Format
1/3-inch (5:4)
Active Imager Size
4.6mm(H) x 3.7mm (V),
5.9mm diagonal
Active Pixels
1,280H x 1,024V
Pixel Size
3.6µm x 3.6µm
Color Filter Array
RGB Bayer Pattern
Shutter Type
Electronic Rolling Shutter
(ERS)
Maximum Data Rate/
Maximum Master Clock
27 MPS/54 MHz
Frame
Rate
SXGA
(1,280 x 1,024)
15 fps at 54 MHz
QSXGA
(640 x 512)
30 fps at 54 MHz
ADC Resolution
10 bit, dual on-chip
Responsivity
1.0 V/lux-sec (550nm)
Dynamic Range
71dB
SNRMAX
44dB
Supply
Voltage
I/O Digital
1.7V–3.6V
Core Digital
2.5V–3.1V
Analog
2.5V–3.1V
Power Consumption
170mW SXGA at 15 fps
(54 MHz CLKIN)
90mW QSXGA at 30 fps
(54 MHz low-power
mode)
Operating Temperature
-30°C to +70°C
Packaging
44-Ball iCSP
wafer or die


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn