Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9M011 Datasheet(PDF) 35 Page - Micron Technology

Part # MT9M011
Description  1/3-Inch Megapixel CMOS Active-Pixel Digital Image Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9M011 Datasheet(HTML) 35 Page - Micron Technology

Back Button MT9M011 Datasheet HTML 31Page - Micron Technology MT9M011 Datasheet HTML 32Page - Micron Technology MT9M011 Datasheet HTML 33Page - Micron Technology MT9M011 Datasheet HTML 34Page - Micron Technology MT9M011 Datasheet HTML 35Page - Micron Technology MT9M011 Datasheet HTML 36Page - Micron Technology MT9M011 Datasheet HTML 37Page - Micron Technology MT9M011 Datasheet HTML 38Page - Micron Technology MT9M011 Datasheet HTML 39Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
PDF: 09005aef81051c04/Source: 09005aef8102abe8
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9M011_2.fm - Rev. D 1/05 EN
35
©2004 Micron Technology, Inc. All rights reserved.
MT9M011 - 1/3-Inch Megapixel Image Sensor
Electrical Specifications
Preliminary
Electrical Specifications
Notes: 1. To place the chip in standby mode, first raise STANDBY to HIGH then wait ten master clock
cycles before turning off the master clock. Ten master clock cycles are required to place the
analog circuitry into standby, low-power mode.
2. Summation of currents for all power supplies.
Table 9:
DC Electrical Characteristics
(VDD = VAA = VDDQ = 2.8V; TA = 25°C; 13.9 fps at 25 MHz)
Symbol
Definition
Conditions
MIN
TYP
MAX
Units
VIH
Input High Voltage
VDD - 0.3
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIN
Input Leakage
Current
No Pull-up Resistor;
VIN = VDD or DGND
-15
15
µA
VOH
Output High
Voltage
VDDQV
VOL
Output Low
Voltage
00.2
V
IOZ
Tri-state Output
Leakage Current
15
µA
IPWR
Total Quiescent
Supply Current2
CLKIN = 25 MHz;
default settings;
CLOAD = 68.5pF
46
68
mA
IPWR
Standby
Total Standby
Supply Current2
STANDBY = VDDQ1,
CLKIN = 0 MHz
110
µA


Similar Part No. - MT9M011

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
MT9M001C12STM MICRON-MT9M001C12STM Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
MT9M001C12STM-DP ONSEMI-MT9M001C12STM-DP Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
MT9M001C12STM-DR ONSEMI-MT9M001C12STM-DR Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
More results

Similar Description - MT9M011

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9D011 MICRON-MT9D011 Datasheet
1Mb / 61P
   1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
   1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9V011 MICRON-MT9V011 Datasheet
537Kb / 33P
   1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
MT9V111 MICRON-MT9V111 Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V111 ONSEMI-MT9V111 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
logo
Micron Technology
MT9V403 MICRON-MT9V403 Datasheet
417Kb / 33P
   1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com