Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4362 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSK4362
Description  30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSK4362 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSK4362 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK4362 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK4362 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK4362 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK4362 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSK4362 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSK4362 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSK4362 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APPLICATION NOTES
IN
MSK 4362 PIN DESCRIPTIONS
AV+, BV+, CV+ - are the power connections from the hy-
brid to the bus. The pins for each phase are brought out
separately and must be connected together to the V+ source
externally. The external wiring to these pins should be sized
according to the RMS current required by the motor. These
pins should be bypassed by a high quality monolithic ceramic
capacitor for high frequencies and enough bulk capacitance
for keeping the V+ supply from drooping. 78 µF of ceramic
capacitance and 6200 µF of bulk capacitance was used in
the test circuit. The voltage range on these pins is from 16
volts up to 75 volts.
AØ, BØ & CØ- are the connections to the motor phase wind-
ings from the bridge output. The wiring to these pins should
be sized according to the required current by the motor. There
are no short circuit provisions for these outputs. Shorts to
V+ or gound from these pins must be avoided or the bridge
will be destroyed.
AVS, BVS, CVS - are the return pins on the bottom of each
half bridge. They are brought out separately and should be
connected together externally to allow the current from each
half bridge to flow through the sense resistor. The wiring on
these pins should be sized according to the current require-
ments of the motor.
RTN - is the power return connection from the module to the
bus. All ground returns connect to this point from internal to
the module in a star fashion. All external ground connections
to this point should also be made in a similar fashion. The
V+ capacitors should be returned to this pin as close as
possible. Wire sizing to this pin connection should be made
according to the required current.
LGND - is an isolated ground connection to the RTN pin of
the hybrid that is connected internally. For any circuitry that
needs to be connected to the RTN pin without the influence
of current flow through RTN should be connected at this
point.
GND - is a ground pin that connects to the ground plane for
all low powered circuitry inside the hybrid.
+REG IN - is the input pin for applying power to the internal
+15V regulator. To use the regulator, connect the +REG IN
pin to the motor bus (V+). See regulator app. note for more
info on input voltage. If the +15V regulator is not needed,
no connection should be made to +REG IN and +15 VOUT.
+15 volts will have to be supplied from an external source to
+15VIN. Absolute maximum voltage on this pin is 55 volts.
See voltage regulator portion of app. note for additional infor-
mation.
+15 VOUT- is a regulated +15 volt output available for ex-
ternal uses. Up to 25 mA is available at this pin. A 100
microfarad capacitor should be connected as close to this pin
as possible and returned to GND along with a 0.22 micro-
farad monolithic ceramic capacitor. CAUTION: See Voltage
Regulator Power Dissipation.
+15 VIN - is the input for applying +15 volts to run the low
power section of the hybrid. This pin should be connected to
+15 VOUT if running off of the internal regulator. The re-
quired bypassing of the +15 VOUT pin is sufficient in this
case. For bringing in external +15 volts, this pin should be
bypassed with a 10 µF capacitor and a 0.1 µF capacitor as
close to this pin as possible.
3
-REF IN - is the input pin for applying power to the internal
-15V DC - DC converter. To use the converter, connect the
-REG IN pin to +15 VOUT pin. If the -15V converter is not
needed, no connection should be made to -REG IN and -15
VOUT. -15 volts will have to be supplied from an external
source to -15VIN. Also, L1 can be left open. See voltage
regulator portion of app. note for additional information.
L1 - is a pin for connecting an external inductor to the DC -
DC converter for generating -15 volts. A 47 µH inductor
capable of running at 250 KHz and about 1 amp of DC cur-
rent shall be used. Connect the inductor between L1 and
GND.
-15 VOUT - is a regulated -15 volt output available for exter-
nal uses. Up to 25 mA is available at this pin. A 100 micro-
farad capacitor should be connected as close to this pin as
possible and returned to GND along with a 0.22 microfarad
monolithic ceramic capacitor. CAUTION: See Voltage Regu-
lator Power Dissipation
-15 VIN - is the input for applying -15 volts to run the low
power section of the hybrid. This pin should be connected to
-15 VOUT if running off of the internal regulator. The re-
quired bypassing of the -15 VOUT pin is sufficient in this
case. For bringing in -15 volts, this pin should be bypassed
with a 10 µF capacitor and a 0.1 µF capacitor as close to this
pin as possible.
CURRENT COMMAND (+,-) - are differential inputs for con-
trolling the module in current mode. Scaled at ±3 amps per
volt of input command, the bipolar input allows both forward
and reverse current control capability regardless of motor com-
mutation direction. The maximum operational command volt-
age should be ±10 volts for ±30 amps of motor current.
CURRENT MONITOR- is a pin providing a current viewing sig-
nal for external monitoring purposes. This is scaled at ±3
amps of motor current per volt output, up to a maximum of
±10 volts, or ±30 amps. As ±30 amps is exceeded, the
peaks of the waveform may become clipped as the rails of
the amplifiers are reached. This voltage is typically ±12.5
volts, equating to ±37 amps of current peaks.
E/A OUT - is the current loop error amp output connection.
It is brought out for allowing various loop compensation cir-
cuits to be connected between this and E/A-.
E/A- -is the current loop error amp inverting input connec-
tion. It is brought out for allowing various loop compensa-
tion circuits to be connected between this and E/A OUT.
CLOCK SYNC- is an input for synchronizing to an external
clock. The sync circuit will trigger on the edges of the ap-
plied clock and effectively shorten the period of the internal
oscillator on each cycle. The frequency can be increased
from a free running 22 KHz to 25 KHz maximum. The clock
applied shall be 15 volts amplitude with at least a 10% duty
cycle.
REFOUT- is a 6.25 volt regulated output to be used for pow-
ering the hall devices in various motors. Up to 15 mA of
output current is available.
HALL A, B & C - are the hall input pins from the hall devices
in the motor. These pins are internally pulled up to 6.25
volts. The halls can reflect a 120/240 degree commutation
scheme or a 60/300 degree scheme.
Rev. F 6/00


Similar Part No. - MSK4362

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4362 ANAREN-MSK4362 Datasheet
948Kb / 9P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4362D MSK-MSK4362D Datasheet
409Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4362ED MSK-MSK4362ED Datasheet
409Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4362ES MSK-MSK4362ES Datasheet
409Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4362EU MSK-MSK4362EU Datasheet
409Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results

Similar Description - MSK4362

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4362HU MSK-MSK4362HU Datasheet
409Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4462U MSK-MSK4462U Datasheet
400Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4362 ANAREN-MSK4362 Datasheet
948Kb / 9P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4361HU MSK-MSK4361HU Datasheet
297Kb / 7P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
   5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com