Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL15C Datasheet(PDF) 9 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PL15C
Description  ZENER DIODES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PL15C Datasheet(HTML) 9 Page - Zibo Seno Electronic Engineering Co.,Ltd

Back Button PL15C Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd PL15C Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd PL15C Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd PL15C Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd PL15C Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd PL15C Datasheet HTML 10Page - Zibo Seno Electronic Engineering Co.,Ltd PL15C Datasheet HTML 11Page - Zibo Seno Electronic Engineering Co.,Ltd PL15C Datasheet HTML 12Page - Zibo Seno Electronic Engineering Co.,Ltd PL15C Datasheet HTML 13Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
10
Zener Diodes 3W
3EZ3.9D5/SZ553J to 2EZ200D5/SZ55D0, DO-41/SMA
Nominal Zener
Voltage
Maximum Zener
Impedance
Maximum
Reverse
Leakage
Current
Maximum DC
Zener
Current
Type No.
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR @ VR
IZM
Axial Lead
SMD
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA)
(V)
(mA)
3EZ3.9D5
SZ553J
3.9
192
4.5
400
1.0
80
1.0
630
3EZ4.3D5
SZ554D
4.3
174
4.5
400
1.0
30
1.0
590
3EZ4.7D5
SZ554H
4.7
160
4.0
500
1.0
20
1.0
550
3EZ5.1D5
SZ555B
5.1
147
3.5
550
1.0
5.0
1.0
520
3EZ5.6D5
SZ555G
5.6
134
2.5
600
1.0
5.0
2.0
480
3EZ6.2D5
SZ556C
6.2
121
1.5
700
1.0
5.0
3.0
435
3EZ6.8D5
SZ556I
6.8
110
2.0
700
1.0
50
4.0
393
3EZ7.5D5
SZ557F
7.5
100
2.0
700
0.5
50
5.0
360
3EZ8.2D5
SZ558C
8.2
91
2.3
700
0.5
50
6.0
330
3EZ9.1D5
SZ559B
9.1
82
2.5
700
0.5
50
7.0
297
3EZ10D5
SZ5510
10
75
3.5
700
0.25
50
7.6
270
3EZ11D5
SZ5511
11
68
4.0
700
0.25
50
8.4
225
3EZ12D5
SZ5512
12
63
4.5
700
0.25
1.0
9.1
246
3EZ13D5
SZ5513
13
58
4.5
700
0.25
0.5
9.9
208
3EZ14D5
SZ5514
14
53
5.0
700
0.25
0.5
10.6
193
3EZ15D5
SZ5515
15
50
5.5
700
0.25
0.5
11.4
180
3EZ16D5
SZ5516
16
47
5.5
700
0.25
0.5
12.2
169
3EZ17D5
SZ5517
17
44
6.0
750
0.25
0.5
13.0
159
3EZ18D5
SZ5518
18
42
6.0
750
0.25
0.5
13.7
150
3EZ19D5
SZ5519
19
40
7.0
750
0.25
0.5
14.4
142
3EZ20D5
SZ5520
20
37
7.0
750
0.25
0.5
15.2
135
3EZ22D5
SZ5522
22
34
8.0
750
0.25
0.5
16.7
123
3EZ24D5
SZ5524
24
31
9.0
750
0.25
0.5
18.2
112
3EZ27D5
SZ5527
27
28
10
750
0.25
0.5
20.6
100
3EZ28D5
SZ5528
28
27
12
750
0.25
0.5
21.0
96
3EZ30D5
SZ5530
30
25
16
1000
0.25
0.5
22.5
90
3EZ33D5
SZ5533
33
23
20
1000
0.25
0.5
25.1
82
3EZ36D5
SZ5536
36
21
22
1000
0.25
0.5
27.4
75
3EZ39D5
SZ5539
39
19
28
1000
0.25
0.5
29.7
69
3EZ43D5
SZ5543
43
17
33
1500
0.25
0.5
32.7
63
3EZ47D5
SZ5547
47
16
38
1500
0.25
0.5
35.6
57
3EZ51D5
SZ5551
51
15
45
1500
0.25
0.5
38.8
53
3EZ56D5
SZ5556
56
13
50
2000
0.25
0.5
42.6
48
3EZ62D5
SZ5562
62
12
55
2000
0.25
0.5
47.1
44
3EZ68D5
SZ5568
68
11
70
2000
0.25
0.5
51.7
40
3EZ75D5
SZ5575
75
10
85
2000
0.25
0.5
56.0
36
3EZ82D5
SZ5582
82
9.1
95
3000
0.25
0.5
62.2
33
3EZ91D5
SZ5591
91
8.2
115
3000
0.25
0.5
69.2
30
3EZ100D5
SZ55B0
100
7.5
160
3000
0.25
0.5
76.0
27
3EZ110D5
SZ55B1
110
6.8
225
4000
0.25
0.5
83.6
25
3EZ120D5
SZ55B2
120
6.3
300
4500
0.25
0.5
91.2
22
3EZ130D5
SZ55B3
130
5.8
375
5000
0.25
0.5
98.8
21
3EZ140D5
SZ55B4
140
5.3
475
5000
0.25
0.5
106.4
19
3EZ150D5
SZ55B5
150
5.0
550
6000
0.25
0.5
114.0
18
3EZ160D5
SZ55B6
160
4.7
625
6500
0.25
0.5
121.6
17
3EZ170D5
SZ55B7
170
4.4
650
7000
0.25
0.5
130.4
16
3EZ180D5
SZ55B8
180
4.2
700
7000
0.25
0.5
136.8
15
3EZ190D5
SZ55B9
190
4.0
800
8000
0.25
0.5
144.8
14
3EZ200D5
SZ55D0
200
3.7
875
8000
0.25
0.5
152.0
13
WWW.SENOCN.COM
Alldatasheet


Similar Part No. - PL15C

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL15-CDA02 P-TEC-PL15-CDA02 Datasheet
30Kb / 1P
   5MM (T1쩐) LED
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
30Kb / 1P
   5MM (T1쩐) LED
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
35Kb / 1P
   5MM (T1 3/4) LED
PL15-CDG13 P-TEC-PL15-CDG13_14 Datasheet
76Kb / 1P
   Popular 5mm Low Profile Lens
PL15-CDR12 P-TEC-PL15-CDR12 Datasheet
30Kb / 1P
   5MM (T1쩐) LED
More results

Similar Description - PL15C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com