Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMM9V1 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part No. ZMM9V1
Description  500mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Homepage  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ZMM9V1 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ZMM9V1 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ZMM9V1 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd ZMM9V1 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V= 2V
R
T = 25°C
j
50
100
150
200
0
5
10
15
20
25
0
V , ZENER VOLTAGE (V)
Fig. 5, Junction Capacitance vs Zener Voltage
Z
1
10
100
1000
0
5
10
15
20
25
V , ZENER VOLTAGE (V)
Fig. 4, Differential Zener Impedance
Z
I = 1mA
Z
5mA
10mA
T = 25°C
j
0
100
200
300
400
500
600
0
40
80
120
160
200
T , AMBIENT TEMPERATURE (°C)
Fig. 3, Power Dissipation vs Ambient Temperature
A
0
20
40
60
80
100
04
8
12
16
20
V , ZENER VOLTAGE (V)
Fig. 1, Zener Current vs Zener Voltage
Z
P
= 500mW
tot
T = 25°C
A
0
10
20
30
40
50
15
20
25
30
35
V , ZENER VOLTAGE (V)
Fig. 8, Zener Current vs Zener Voltage
Z
P
= 500mw
tot
T = 25°C
A
ZMM2V4 - ZMM75
3 of 3
ZMM2V4 - ZMM75
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn