Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMM9V1 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part No. ZMM9V1
Description  500mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Homepage  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ZMM9V1 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ZMM9V1 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ZMM9V1 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd ZMM9V1 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type
Number
Nominal Zener
Voltage
(Note 1)
Zener
Voltage
Range
Maximum
Zener
Impedance
Maximum Zener
Impedance
Maximum
Leakage Current @ VR
Temperature
Coefficient
VZ @IZT
VZ @IZT
ZZT @IZT
ZZK @IZK
IR@
TJ = 25°C
IR@
TJ = 150°C
VR
(V)
(mA)
(V)
(W)(W)
(mA)
(µA)
(µA)
(V)
(%/K)
ZMM2V4
2.4
5.0
2.28 to 2.56
85
600
1.0
50
100
1.0
-0.09 to -0.06
ZMM2V7
2.7
5.0
2.5 to 2.9
85
600
1.0
10
50
1.0
-0.09 to -0.06
ZMM3V0
3.0
5.0
2.8 to 3.2
90
600
1.0
4.0
40
1.0
-0.08 to -0.05
ZMM3V3
3.3
5.0
3.1 to 3.5
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM3V6
3.6
5.0
3.4 to 3.8
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM3V9
3.9
5.0
3.7 to 4.1
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM4V3
4.3
5.0
4.0 to 4.6
90
600
1.0
1.0
20
1.0
-0.06 to -0.03
ZMM4V7
4.7
5.0
4.4 to 5.0
80
600
1.0
0.5
10
1.0
-0.05 to +0.02
ZMM5V1
5.1
5.0
4.8 to 5.4
60
550
1.0
0.1
2.0
1.0
-0.02 to +0.02
ZMM5V6
5.6
5.0
5.2 to 6.0
40
450
1.0
0.1
2.0
1.0
-0.05 to +0.05
ZMM6V2
6.2
5.0
5.8 to 6.6
10
200
1.0
0.1
2.0
2.0
0.03 to 0.06
ZMM6V8
6.8
5.0
6.4 to 7.2
8.0
150
1.0
0.1
2.0
3.0
0.03 to 0.07
ZMM7V5
7.5
5.0
7.0 to 7.9
7.0
50
1.0
0.1
2.0
5.0
0.03 to 0.07
ZMM8V2
8.2
5.0
7.7 to 8.7
7.0
50
1.0
0.1
2.0
6.2
0.03 to 0.08
ZMM9V1
9.1
5.0
8.5 to 9.6
10
50
1.0
0.1
2.0
6.8
0.03 to 0.09
ZMM10
10
5.0
9.4 to 10.6
15
70
1.0
0.1
2.0
7.5
0.03 to 0.10
ZMM11
11
5.0
10.4 to 11.6
20
70
1.0
0.1
2.0
8.2
0.03 to 0.11
ZMM12
12
5.0
11.4 to 12.7
20
90
1.0
0.1
2.0
9.1
0.03 to 0.11
ZMM13
13
5.0
12.4 to 14.1
26
110
1.0
0.1
2.0
10
0.03 to 0.11
ZMM15
15
5.0
13.8 to 15.6
30
110
1.0
0.1
2.0
11
0.03 to 0.11
ZMM16
16
5.0
15.3 to 17.1
40
170
1.0
0.1
2.0
12
0.03 to 0.11
ZMM18
18
5.0
16.8 to 19.1
50
170
1.0
0.1
2.0
13
0.03 to 0.11
ZMM20
20
5.0
18.8 to 21.2
55
220
1.0
0.1
2.0
15
0.03 to 0.11
ZMM22
22
5.0
20.8 to 23.3
55
220
1.0
0.1
2.0
16
0.04 to 0.12
ZMM24
24
5.0
22.8 to 25.6
80
220
1.0
0.1
2.0
18
0.04 to 0.12
ZMM27
27
5.0
25.1 to 28.9
80
220
1.0
0.1
2.0
20
0.04 to 0.12
ZMM30
30
5.0
28 to 32
80
220
1.0
0.1
2.0
22
0.04 to 0.12
ZMM33
33
5.0
31 to 35
80
220
1.0
0.1
2.0
24
0.04 to 0.12
ZMM36
36
5.0
34 to 38
80
220
1.0
0.1
2.0
27
0.04 to 0.12
ZMM39
39
2.5
37 to 41
90
500
0.5
0.1
5.0
30
0.04 to 0.12
ZMM43
43
2.5
40 to 46
90
600
0.5
0.1
5.0
33
0.04 to 0.12
ZMM47
47
2.5
44 to 50
110
700
0.5
0.1
5.0
36
0.04 to 0.12
ZMM51
51
2.5
48 to 54
125
700
0.5
0.1
10
39
0.04 to 0.12
ZMM56
56
2.5
52 to 60
135
1000
0.5
0.1
10
43
0.04 to 0.12
ZMM62
62
2.5
58 to 66
150
1000
0.5
0.1
10
47
0.04 to 0.12
ZMM68
68
2.5
64 to 72
200
1000
0.5
0.1
10
51
0.04 to 0.12
ZMM75
75
2.5
70 to 79
250
1500
0.5
0.1
10
56
0.04 to 0.12
Notes:
1. Tested with pulses tp = 20 ms.
2. Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics @ TA = 25°C unless otherwise specified
ZMM2V4 - ZMM75
500mW SURFACE MOUNT ZENER DIODE
ZMM2V4 - ZMM75
2 of 3
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn